Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 72 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 68Page - STMicroelectronics STV82X7DSXT Datasheet HTML 69Page - STMicroelectronics STV82X7DSXT Datasheet HTML 70Page - STMicroelectronics STV82X7DSXT Datasheet HTML 71Page - STMicroelectronics STV82X7DSXT Datasheet HTML 72Page - STMicroelectronics STV82X7DSXT Datasheet HTML 73Page - STMicroelectronics STV82X7DSXT Datasheet HTML 74Page - STMicroelectronics STV82X7DSXT Datasheet HTML 75Page - STMicroelectronics STV82X7DSXT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 149 page
background image
Register List
STV82x7
72/149
NICAM_BER
NICAM Bit Error Rate Register
NICAM_STAT
NICAM Detection Status Register
Bit Name
Reset
Function
Bits[7:3]
00000
Reserved.
DIF_POL
0
0: No polarity inversion (Default)
1: Polarity inversion of the differential decoding
ECT
0
Error Counter Timer: Defines the NICAM error measurement period
0: 128 ms (Default)
1: 64 ms
MAE
0
Max. Allowed Errors. Defines the NICAM error decoding for mute function.
0: 511 Max (Default)
1: 255 Max
Address: 3Eh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ERROR[7:0]
Bit Name
Reset
Function
ERROR[7:0]
00000000
NICAM Error Counter Value
Address: 3Fh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NIC_DET
F_MUTE
LOA
CBI[3:0]
NIC_MUTE
Bit Name
Reset
Function
NIC_DET
0
NICAM Signal Detect
0: NICAM signal no detected
1: NICAM signal detected
F_MUTE
0
Frame Mute
0: No mute
1: Mute due to Superframe Alignment Loss
LOA
0
Loss of Frame Alignment Word (FAW)
0: No Alignment Lost
1: Frame Alignment Word Lost
CBI[3:0]
0000
Indicates the received NICAM control bits
NIC_MUTE
0
Indicates the NICAM decoder mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com