Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 46Page - STMicroelectronics STV82X7DSXT Datasheet HTML 47Page - STMicroelectronics STV82X7DSXT Datasheet HTML 48Page - STMicroelectronics STV82X7DSXT Datasheet HTML 49Page - STMicroelectronics STV82X7DSXT Datasheet HTML 50Page - STMicroelectronics STV82X7DSXT Datasheet HTML 51Page - STMicroelectronics STV82X7DSXT Datasheet HTML 52Page - STMicroelectronics STV82X7DSXT Datasheet HTML 53Page - STMicroelectronics STV82X7DSXT Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 149 page
background image
Register List
STV82x7
50/149
CAROFFSET1
22h
0000 0000
CAROFFSET1[7:0] (S)
Demodulator Channel 2
IAGCR
25h
1000 1000
IAGC_REF[7:0]
IAGCC
26h
0000 0011
IAGC_ OFF
FAR_FLT_EN
MONO_FLT
_EN
BG_SEL
MONO_PRO
G
IAGC_CST[2:0]
IAGCS
27h
(0000 0000)
IAGC_CTRL[7:0]
CARFQ2H
28h
0100 0100
CARFQ2[23:16]
CARFQ2M
29h
0100 0000
CARFQ2[15.8]
CARFQ2L
2Ah
0000 0000
CARFQ2[7:0]
FIR2C0
2Bh
0000 0000
FIR2C0[7:0] (S)
FIR2C1
2Ch
0000 0000
FIR2C1[7:0] (S)
FIR2C2
2Dh
0000 0000
FIR2C2[7:0] (S)
FIR2C3
2Eh
0000 0000
FIR2C3[7:0] (S)
FIR2C4
2Fh
1111 1111
FIR2C4[7:0] (S)
FIR2C5
30h
0000 0100
FIR2C5[7:0] (S)
FIR2C6
31h
0001 0100
FIR2C6[7:0] (S)
FIR2C7
32h
0010 0101
FIR2C7[7:0] (S)
ACOEFF2
33h
1001 0000
ACOEFF2[7:0]
BCOEFF2
34h
1010 1100
BCOEFF2[7:0]
SCOEFF
35h
0001 1100
SCOEFF[7:0]
SRF
36h
(0000 0000)
SRF[7:0] (S)
CRF2
37h
(0000 0000)
CRF2[7:0] (S)
CETH2
38h
0010 0000
CETH2[7:0]
SQTH2
39h
0011 1100
SQTH2[7:0]
CAROFFSET2
3Ah
0000 0000
CAROFFSET2[7:0] (S)
NICAM
NICAM_CTRL
3Dh
0000 0000
0
0
0
0
0
DIF_POL
ECT
MAE
NICAM_BER
3Eh
(0000 0000)
ERROR[7:0]
NICAM_STAT
3Fh
(0000 0000)
NIC_DET
F_MUTE
LOA
CBI[3:0]
NIC_MUTE
Stereo FM
ZWT_CTRL
40h
0011 0001
LRST_
TONE_OFF
STD_MODE
THRESH[3:0]
TSCTRL[1:0]
ZWT_TIME
41h
0000 0100
0
0
0
0
0
ZWT_TIME[2:0]
ZWT_STAT
42h
(0000 0000)
0
0
0
0
ZW_STAT_
RDY
ZW_DET
ZW_ST
ZW_DM
Analog Control
ADC_CTRL
56h
0000 1000
I2S_DATA0_CTRL[1:0]
0
0
ADC_
POWER_UP
ADC_INPUT_SEL[2:0]
SCART1_2_OUTPUT_CTRL
57h
1010 1000
SC2_MUTE
SC2_OUTPUT_SEL[2:0]
SC1_MUTE
SC1_OUTPUT_SEL[2:0]
SCART3_OUTPUT_CTRL
58h
0000 1011
0
0
0
0
SC3_MUTE
SC3_OUTPUT_SEL[2:0]
Clocking 2
Table 9: List of I²C Registers (Sheet 2 of 6)
Name
Addr.
Reset
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com