Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 89 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 85Page - STMicroelectronics STV82X7DSXT Datasheet HTML 86Page - STMicroelectronics STV82X7DSXT Datasheet HTML 87Page - STMicroelectronics STV82X7DSXT Datasheet HTML 88Page - STMicroelectronics STV82X7DSXT Datasheet HTML 89Page - STMicroelectronics STV82X7DSXT Datasheet HTML 90Page - STMicroelectronics STV82X7DSXT Datasheet HTML 91Page - STMicroelectronics STV82X7DSXT Datasheet HTML 92Page - STMicroelectronics STV82X7DSXT Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 149 page
background image
89/149
STV82x7
Register List
PRESCALE_I2S_0
I2S_0 Prescaling Register
PRESCALE_I2S_1
I2S_1 Prescaling Register
PRESCALE_
SCART[5:0]
0000000 -12 to + 12 dB SCART prescaling to normalize the SCART signal level before audio
processing. Auto level control can be implemented by I2C software using the Peak Level
Detector. (Default value = 0 dB)
G (dB)
G (dB)
011000
+12
101100
-10
010111
+11.5
101011
-10.5
010110
+11
101010
-11
010101
+10.5
101001
-11.5
010100
+10
101000
-12
etc.
Address: 98h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
PRESCALE_I2S_0[5:0]
Bit Name
Reset
Function
Bits [7:6]
00
Reserved.
PRESCALE_I2S_0[5:0]
000000
-12 to + 12 dB I2S_0 prescaling to normalize the I2S_0 signal level before audio processing.
Auto level control can be implemented by I2C software using the Peak Level Detector. (Default
value = 0 dB)
G (dB)
G (dB)
011000
+12
101100
-10
010111
+11.5
101011
-10.5
010110
+11
101010
-11
010101
+10.5
101001
-11.5
010100
+10
101000
-12
etc.
Address: 99h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
PRESCALE_I2S_1[5:0]
Bit Name
Reset
Function
Bits [7:6]
00
Reserved.
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com