Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 82 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 78Page - STMicroelectronics STV82X7DSXT Datasheet HTML 79Page - STMicroelectronics STV82X7DSXT Datasheet HTML 80Page - STMicroelectronics STV82X7DSXT Datasheet HTML 81Page - STMicroelectronics STV82X7DSXT Datasheet HTML 82Page - STMicroelectronics STV82X7DSXT Datasheet HTML 83Page - STMicroelectronics STV82X7DSXT Datasheet HTML 84Page - STMicroelectronics STV82X7DSXT Datasheet HTML 85Page - STMicroelectronics STV82X7DSXT Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 149 page
background image
Register List
STV82x7
82/149
L/L’ and DK/K1/K2/K3 standard cannot be discriminated in Automatic Standard Recognition Search
mode because the same frequency is used for the mono IF carrier.
AUTOSTD_STANDARD_DETECTAuto Standard Check Standard Register
Note:
Autostandard is off when all mono standards are disabled (LDK_SCK = 0, I_SCK = 0, BG_SCK = 0
and MN_SCK = 0).
AUTOSTD_STEREO_DETECT Auto Standard Check Stereo Register
Address: 8Bh
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
NICAM_C4_O
FF
NICAM_GAP_
MODE
NICAM_MON
O_IN
LDK_SCK
I_SCK
BG_SCK
MN_SCK
Bit Name
Reset
Function
NICAM_C4_OFF
0
0: Autostandard will consider the C4 bit for MONO backup
1: Autostandard will ignore the C4 bit for MONO backup
NICAM_GAP_MODE
1
0: NICAM, fast search
1: NICAM, slow search (no perturbations on LEFT channel in search mode)
NICAM_MONO_IN
0
0: the MONO backup for NICAM comes from internal demodulator
1: the MONO backup for NICAM comes from MONO input
LDK_SCK
1
L/L’ or D/K Mono Standard Enable
0: Disabled
1: Enabled
I_SCK
1
I Mono Standard Enable
0: Disabled
1: Enabled
BG_SCK
1
B/G Mono Standard Enable
0: Disabled
1: Enabled
MN_SCK
1
M/N Mono Standard Enable
0: Disabled
1: Enabled
Address: 8Ch
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LDK_ZWT3
LDK_ZWT2
LDK_ZWT1
LDK_NIC
I_NIC
BG_ZWT
BG_NIC
MN_ZWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com