Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 56 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 52Page - STMicroelectronics STV82X7DSXT Datasheet HTML 53Page - STMicroelectronics STV82X7DSXT Datasheet HTML 54Page - STMicroelectronics STV82X7DSXT Datasheet HTML 55Page - STMicroelectronics STV82X7DSXT Datasheet HTML 56Page - STMicroelectronics STV82X7DSXT Datasheet HTML 57Page - STMicroelectronics STV82X7DSXT Datasheet HTML 58Page - STMicroelectronics STV82X7DSXT Datasheet HTML 59Page - STMicroelectronics STV82X7DSXT Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 149 page
background image
Register List
STV82x7
56/149
I2S_CTRL
I2S Synchronization Control Register
I2S_STAT
I²S Synchronization Status Register
I2S_SYNC_OFFSET
I²S Synchronization Offset Frequency Register
12.3
Clocking 1
A low-jitter PLL Clock is integrated and can be fully reprogrammed using the registers described
below. By default, the programming is defined for a 27-MHz quartz crystal frequency, which is the
frequency recommended for reducing potential RF interference in the application. However, if
Address: 04h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
LR_OFF
LOCK_FLAG
Bit Name
Reset
Function
Bits[7:2]
0
Reserved.
LR_OFF
0
LR Signal Detection
0: LR signal detected and correct
1: Missing LR pulses detected
LOCK_FLAG
0
Lock Flag allowing unmute of Audio Output
Address: 05h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
LR_OFF
LOCK_FLAG
Bit Name
Reset
Function
Bits[7:2]
0
Reserved.
LR_OFF
0
LR Signal Detection
0: LR signal detected and correct
1: Missing LR pulses detected
LOCK_FLAG
0
Lock Flag allowing unmute of Audio Output
Address: 06h
Type: R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com