Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 27Page - STMicroelectronics STV82X7DSXT Datasheet HTML 28Page - STMicroelectronics STV82X7DSXT Datasheet HTML 29Page - STMicroelectronics STV82X7DSXT Datasheet HTML 30Page - STMicroelectronics STV82X7DSXT Datasheet HTML 31Page - STMicroelectronics STV82X7DSXT Datasheet HTML 32Page - STMicroelectronics STV82X7DSXT Datasheet HTML 33Page - STMicroelectronics STV82X7DSXT Datasheet HTML 34Page - STMicroelectronics STV82X7DSXT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 149 page
background image
31/149
STV82x7
Dedicated Digital Signal Processor (DSP)
4.6.3
Bass Management Configuration 2
Configuration 2 assumes that the left and right speakers, are full range while the center and
surround speakers are smaller speakers. Also, all bass data is redirected to the left and right
speakers.
This configuration include output level adjustment that allows 12 dB attenuation for the 3 smaller
speakers (C, Ls, Rs). When the level adjustment will be disabled the decoder boosts by 12 dB the
full range speakers (Left, Right).
Figure 15: Bass Management Configuration 2 (all switches indicate their reset state)
SubW
C
L
R
Ls
Rs
LFE
L
C
R
Ls
Rs
+
+
+
+
Level Adjustment
OFF Switch
Subwoofer
ON Switch
+12 dB
-1.5 dB
-12 dB
+12 dB
-12 dB
-12 dB
-1.5 dB
-12 dB
-12 dB
-15 dB
-5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com