Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 47 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 43Page - STMicroelectronics STV82X7DSXT Datasheet HTML 44Page - STMicroelectronics STV82X7DSXT Datasheet HTML 45Page - STMicroelectronics STV82X7DSXT Datasheet HTML 46Page - STMicroelectronics STV82X7DSXT Datasheet HTML 47Page - STMicroelectronics STV82X7DSXT Datasheet HTML 48Page - STMicroelectronics STV82X7DSXT Datasheet HTML 49Page - STMicroelectronics STV82X7DSXT Datasheet HTML 50Page - STMicroelectronics STV82X7DSXT Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 149 page
background image
47/149
STV82x7
I²C Interface
11.2
Start-up and Configuration Change Procedure
Figure 27: Flow chart
Load Patch File
HW_RESET bit = 1
(DSP RUN)
(DSP inititialization)
Device Configuration Set-up
(analog or digital)
HOST_RUN bit = 1
(start DSP processing)
(change configuration)
INIT_MEM bit = 0
(registers 85h to FFh are not reset)
Clock PLLs progammation
(for Crystal value different than 27 MHz)
=1
=0
(FS1 & FS2 registers)
(by I²C transfer)
(bit 2 in HOST_CMD register)
(bit 0 in DSP_STATUS
register)
HOST_RUN bit = 0
(bit 0 in DSP_RUN register)
HOST_NO_INIT bit = 1
(OPTIONAL)
(bit 1 in DSP_RUN register)
(stop DSP processing)
INIT_MEM bit ?
Hardware Reset (by pin 43)
Power ON
NOTE: This HW reset after Power ON is
mandatory to avoid bad device configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com