Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 92 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 88Page - STMicroelectronics STV82X7DSXT Datasheet HTML 89Page - STMicroelectronics STV82X7DSXT Datasheet HTML 90Page - STMicroelectronics STV82X7DSXT Datasheet HTML 91Page - STMicroelectronics STV82X7DSXT Datasheet HTML 92Page - STMicroelectronics STV82X7DSXT Datasheet HTML 93Page - STMicroelectronics STV82X7DSXT Datasheet HTML 94Page - STMicroelectronics STV82X7DSXT Datasheet HTML 95Page - STMicroelectronics STV82X7DSXT Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 149 page
background image
Register List
STV82x7
92/149
PEAK_DET_R
Peak Level Detector Status Register (R channel)
PEAK_DET_L_R
Peak Level Detector Status Register (L - R)
Bit Name
Reset
Function
OVERLOAD_L[7]
0
Memorise overload on the peak detection. This field can be reset.
PEAK_L[6:0]
00000000
Displays the Absolute Peak Level of the audio source selected. The measured value is
updated continuously every 64 ms. The range varies linearly from the full scale (0 dB) down to 1/
256 of the full scale (-48 dB).
In AM/FM Mono mode, only the PEAK_L[7:0] value must be taken into account.
In FM Mono mode, the audio peak level range depends upon the programmed FM bandwidth.
The unique difference is that the measurement is done after Sound pre-processing (DC offset
removal, Prescaling, De-emphasis and Dematrixing).
In FM Stereo mode, the maximum value may be used to check if the incoming signal level is
correctly adjusted by the prescaling factor or if there are no FM overmodulation problems
(clipping).
Programmable values are listed in Table 20.
Address: 9Fh
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_R
PEAK_R[6:0]
Bit Name
Reset
Function
OVERLOAD_R[7]
0
Memorise overload on the peak detection. This field can be reset.
PEAK_R[7:0]
0000000
Displays the Absolute Peak Level of the audio source selected. The measured value is
updated continuously every 64 ms. The range varies linearly from the full scale (0 dB) down to
1/256 of the full scale (-48 dB).
For more information, refer to register PEAK_DET_L.
Address: A0h
Type: R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OVERLOAD_L_R
PEAK_L_R[6:0]
Bit Name
Reset
Function
OVERLOAD_L_R[7] 0
Memorise overload on the peak detection. This field can be reset.
PEAK_L_R[7:0]
0000000
Displays the Difference between L and R (L - R) channels for the audio source selected.
For more information, refer to register PEAK_DET_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com