Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 73 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 69Page - STMicroelectronics STV82X7DSXT Datasheet HTML 70Page - STMicroelectronics STV82X7DSXT Datasheet HTML 71Page - STMicroelectronics STV82X7DSXT Datasheet HTML 72Page - STMicroelectronics STV82X7DSXT Datasheet HTML 73Page - STMicroelectronics STV82X7DSXT Datasheet HTML 74Page - STMicroelectronics STV82X7DSXT Datasheet HTML 75Page - STMicroelectronics STV82X7DSXT Datasheet HTML 76Page - STMicroelectronics STV82X7DSXT Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 149 page
background image
73/149
STV82x7
Register List
12.8
Stereo Mode
ZWT_CTRL
Zweiton Detector Control Register
ZWT_TIME
Zweiton Detector Timing Register
Address: 40h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LRST_TONE_OFF
STD_MODE
THRESH[3:0]
TSCTRL[1:0]
Bit Name
Reset
Function
LRST_TONE_OFF
0
Control of the reset of the tone detector
0: Periodical reset of tone detection enabled
1: Periodical reset of tone detection disabled
STD_MODE_C
0
0: German standard (Default)
1: Korean standard
THRESH[3:0]
1100
Defines the threshold of the detector for pilot and tone frequencies.
Level (% of the mid scale)
Level (% of the mid scale)
0000
0
1000
50
0001
6.25
1001
56.25
0010
12.5
1010
62.5
0011
18.75
1011
68.75
0100
25
1100 (Default)
75
0101
31.25
1101
81.25
0110
37.5
1110
87.5
0111
43.75
1111
93.75
TSCTRL[1:0]
00
Defines both the detection time and the error probability (reliability of the detection).
Sample Accumulation
Decision Count
Time (ms)
Error Probability
00
1024
2
256
10-4
01 (Default)
1024
3
384
10-6
10
2048
2
512
10-7
11
2048
3
768
10-9
Address: 41h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
000
ZWT_TIME[2:0]
Bit Name
Reset
Function
Bit [7:3]
00000
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com