Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 81 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 77Page - STMicroelectronics STV82X7DSXT Datasheet HTML 78Page - STMicroelectronics STV82X7DSXT Datasheet HTML 79Page - STMicroelectronics STV82X7DSXT Datasheet HTML 80Page - STMicroelectronics STV82X7DSXT Datasheet HTML 81Page - STMicroelectronics STV82X7DSXT Datasheet HTML 82Page - STMicroelectronics STV82X7DSXT Datasheet HTML 83Page - STMicroelectronics STV82X7DSXT Datasheet HTML 84Page - STMicroelectronics STV82X7DSXT Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 149 page
background image
81/149
STV82x7
Register List
Note:
AV_DELAY acts on both LS and HP paths simultaneously (same delay).
12.12 Automatic Standard Recognition
AUTOSTD_CTRL
Automatic Standard Recognition Control Register
Note:
Only standard deviation FM 50K kHz is compatible with other D/K1/K2/K3 standards in Automatic
Standard Recognition Search mode.
FM deviation superior to 350 kHz will degrade strongly NICAM reception due to overlapping of FM
and QPSK IF spectrum in DK-NICAM standard.
Bit Name
Reset
Function
DELAY_TIME
0000000
Audio Delay Time
0000000: 0 ms
...
0111100: 60 ms (48kHz)
...
1011010: 90 ms (32kHz)
DELAY_ON
0
Audio/video delay is enabled when set.
Address: 8Ah
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0
FORCE_SQUE
LCH
SINGLE_SHOT
DK_DEV[1:0]
LDK_SW
Bit Name
Reset
Function
Bits[7:5]
000
Reserved.
FORCE_SQUELCH
0
Allow to force squelch detection
0: FM squelch is taken into consideration for MONO detection
1: FM squelch is not taken into consideration for MONO detection
SINGLE_SHOT
0
Single Shot Mode Selection
0: Single Shot mode is not selected
1: Single Shot mode is selected1
1.
Single_Shot mode can be used before disabling the Automatic Standard Recognition
(Autostandard) to pre-program demodulator registers in a defined standard and reduce I²C
programming in Manual mode
DK_DEV[1:0]
00
Selects FM deviation configuration to take into account of overmodulation in DK_NICAM standard.
00: FM 50 kHz (Default)
10: FM 350 kHz
01: FM 200 kHz
11: FM 500 kHz
LDK_SW
1
Makes exclusive the auto search of DK/K1/K2/K3 and L/L’ standard
0: DK/K1/K2/K3 standard auto-search / L/L’ disabled
1: L/L’ standard auto-search / DK/K1/K2/K3 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com