Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 40Page - STMicroelectronics STV82X7DSXT Datasheet HTML 41Page - STMicroelectronics STV82X7DSXT Datasheet HTML 42Page - STMicroelectronics STV82X7DSXT Datasheet HTML 43Page - STMicroelectronics STV82X7DSXT Datasheet HTML 44Page - STMicroelectronics STV82X7DSXT Datasheet HTML 45Page - STMicroelectronics STV82X7DSXT Datasheet HTML 46Page - STMicroelectronics STV82X7DSXT Datasheet HTML 47Page - STMicroelectronics STV82X7DSXT Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
Additional Controls and Flag
STV82x7
44/149
9
Additional Controls and Flag
This logic contains:
● the headphone detection,
● the IRQ generation, signal to be output to the MCU,
● the I²C bus expander output pin.
9.1
Headphone Detection
For headphone, the HP_DET input can be used to automatically mute the Loudspeakers and
Subwoofer outputs when the HP_LS_MUTE bit is set in register HEADPHONE_CONFIG (active
low). When a headphone is detected (the HP_DET pin is set to 0) and the Mute function is enabled.
Each change on the HP_DET pin generates an IRQ request to the microprocessor on the IRQ pin.
9.2
IRQ Generation
Four IRQs are generated by the STV82x7. On each IRQ generation, the IRQ pin is set to 1. The
pending IRQ status must be read at the I²2S address 81h and the acknowledge is done by writing 0
to this register.
The four availables IRQs are:
IRQ0: The identified TV sound standard is displayed in register AUTOSTD_STATUS. Each change
in the detected standard is flagged to the host system via hardware pin IRQ. The flag must be reset
by re-programming the IRQ bit in register AUTOSTD_CTRL and then checking the detected
standard status by reading registers AUTOSTD_STATUS, NICAM_STAT, and ZWT_STAT.
IRQ1: This IRQ is enabled only in digital input mode. In case of I2S synchronisation loss, this IRQ is
set to 1.
IRQ2: This IRQ is set to 1 when the device detects any change on the HP Detection pin
(Headphone connection or deconnection).
IRQ3: On the STV82x7, same pins are used for both Headphone and Surround loudspeaker signal
output. A change in the Headphone configuration (HP active or not active) will lead to a signal
switch on those hardware pins. In order to ensure a smooth audio transition, the output is soft muted
before the signal is switched. The IRQ3 is then set to 1 to advise the master processor that the
signal has been switched and to request a HP/Srnd Ouput Un-Mute.
9.3
I²C Bus Expander
Pin BUS_EXP can be used to control external switchable IF SAW filters or audio switches. This pin
can be directly programmed by register RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com