Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV82X7DSXT Datasheet(PDF) 127 Page - STMicroelectronics

Part # STV82X7DSXT
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X7DSXT Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STV82X7DSXT Datasheet HTML 123Page - STMicroelectronics STV82X7DSXT Datasheet HTML 124Page - STMicroelectronics STV82X7DSXT Datasheet HTML 125Page - STMicroelectronics STV82X7DSXT Datasheet HTML 126Page - STMicroelectronics STV82X7DSXT Datasheet HTML 127Page - STMicroelectronics STV82X7DSXT Datasheet HTML 128Page - STMicroelectronics STV82X7DSXT Datasheet HTML 129Page - STMicroelectronics STV82X7DSXT Datasheet HTML 130Page - STMicroelectronics STV82X7DSXT Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 149 page
background image
127/149
STV82x7
Register List
BEEPER_FREQ_VOL
Beeper Frequency and Volume Settings Register
12.20 Mute
MUTE_DIGITAL
Register Description
Address: F0h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BEEP_FREQ[2:0]
BEEP_VOL[4:0]
Bit Name
Reset
Function
BEEP_FREQ[2:0]
011
Defines the frequency of the beeper tone from 62.5 Hz to 8 kHz in octaves
000: 62.5 Hz
100: 1 kHz
001: 125 Hz
101: 2 kHz
010: 250 Hz
110: 4 kHz
011: 500 Hz (Default)
111: 8 kHz
BEEP_VOL[4:0]
10000
Defines the Beeper volume from 0 to -93 dB in steps of 3 dB.
11111: 0 dB (1 VRMS)...
11110: -3 dB
00011: -84 dB
11101: -6 dB
00010: -87 dB
...
00001: -90 dB
10000: -48 dB (Default)
00000: -93 dB
Address: F1h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
AUTOSTD_
MUTE_ON
00
SCART_
D_MUTE
SRND_HP_D_
MUTE
SUB_
D_MUTE
C_
D_MUTE
LS_
D_MUTE
Bit Name
Reset
Function
AUTOSTD_MUTE_ON
1
0: autostandard can not mute outputs
1: autostandard can mute outputs when no signal is detected
Bit s[6:5]
00
SCART_D_MUTE
1
SCART left/right digital soft mute
0: signal un-muted
1: signal muted
SRND_HP_D_MUTE
1
LS Surround/HP left/right digital soft mute
0: signal un-muted
1: signal muted
SUB_D_MUTE
1
LS Subwoofer digital soft mute
0: signal un-muted
1: signal muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com