Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 18 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 18 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 14Page - Microchip Technology AT21CS11 Datasheet HTML 15Page - Microchip Technology AT21CS11 Datasheet HTML 16Page - Microchip Technology AT21CS11 Datasheet HTML 17Page - Microchip Technology AT21CS11 Datasheet HTML 18Page - Microchip Technology AT21CS11 Datasheet HTML 19Page - Microchip Technology AT21CS11 Datasheet HTML 20Page - Microchip Technology AT21CS11 Datasheet HTML 21Page - Microchip Technology AT21CS11 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
4.
Device Addressing and I2C Protocol Emulation
Accessing the device requires a Start condition followed by an 8-bit device address word.
The AT21CS01/11 protocol sequence emulates what would be required for an I2C Serial EEPROM, with
the exception that the beginning four bits of the device address are used as an opcode for the different
commands and actions that the device can perform.
Since multiple slave devices can reside on the bus, each slave device must have its own unique address
so that the master can access each device independently. After the 4-bit opcode, the following three bits
of the device address byte are comprised of the slave address bits. The three slave address bits are
preprogrammed prior to shipment and are read-only. Obtaining devices with different slave address bit
values is done by purchasing a specific ordering code. Refer to Packaging Information for explanation of
which ordering code corresponds with a specific slave address value.
Following the three slave address bits is a Read/Write select bit where a logic ‘1’ indicates a read and a
logic ‘0’ indicates a write. Upon the successful comparison of the device address, the EEPROM will return
an ACK (logic ‘0’). If the 4-bit opcode is invalid or the three bits of slave address do not match what is
preprogrammed in the device, the device will not respond on the SI/O line and will return to a Standby
state.
Table 4-1. Device Address Byte
4-bit Opcode
Preprogrammed Slave Address Bits
Read/Write
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Refer to Available Opcodes
A2
A1
A0
R/W
Following the device address byte, a memory address byte must be transmitted to the device
immediately. The memory address byte contains a 7-bit memory array address to specify which location
in the EEPROM to start reading or writing. Refer to Table 4-2 to review these bit positions.
Table 4-2. Memory Address Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Don’t Care
A6
A5
A4
A3
A2
A1
A0
4.1
Memory Organization
The AT21CS01/11 internal memory array is partitioned into two regions. The main 1-Kbit EEPROM is
organized as 16 pages of eight bytes each. The Security register is 256 bits in length, organized as four
pages of eight bytes each. The lower two pages of the Security register are read-only and have a
factory
‑programmed, 64‑bit serial number that is unique across all AT21CS series Serial EEPROMs. The
upper two pages of the Security register are user-programmable and can be subsequently locked (see
Locking the Security Register).
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com