Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 33 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 33 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology AT21CS11 Datasheet HTML 33Page - Microchip Technology AT21CS11 Datasheet HTML 34Page - Microchip Technology AT21CS11 Datasheet HTML 35Page - Microchip Technology AT21CS11 Datasheet HTML 36Page - Microchip Technology AT21CS11 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
This sequence begins by the master sending a Start condition, followed by a device address byte with the
opcode of 7h in the four Most Significant bits, along with the appropriate slave address combination and
the Read/Write bit set to a logic ‘0’. The AT21CS01/11 will respond with an ACK.
Following this device address byte is an 8-bit ROM Zone register address byte. The four Most Significant
bits are not used and are therefore "don’t care" bits. The address sent to the device must match one of
the ROM Zone register addresses specified in Table 8-3. After the ROM Zone register address has been
sent, the AT21CS01/11 will return an ACK (logic ‘0’).
Then an additional Start condition is sent to the device with the same device address byte as before, but
now with the Read/Write bit set to a logic ‘1’, to which the device will return an ACK. After the
AT21CS01/11 has sent the ACK, the device will output either 00h or FFh data byte. A 00h data byte
indicates that the ROM Zone register is zero, meaning the zone has not been set as ROM. If the device
outputs FFh data, then the memory zone has been set to ROM and cannot be altered.
Table 8-3. Read ROM Zone Register – Output Data
Output Data
ROM Zone Register Value
00h
ROM Zone register value is zero (zone is not set as ROM).
FFh
ROM Zone register value is one (zone is permanently set as ROM).
Figure 8-1. Reading the State of a ROM Zone Register
SI/O
MSB
ACK
by Slave
0
1
1
1 A2 A1 A0 0
Device Address
Dummy Write
MSB
0
0
0
0 A3 A2 A1 A0
ROM Zone Register Address
MSB
D
D
D
D
D
D
D
D
Data Out Byte (00h or FFh)
ACK
by Slave
NACK
by Master
Stop Condition
by Master
Start Condition
by Master
MSB
ACK
by Slave
0
1
1
1 A2 A1 A0 1
Device Address
Restart
by Master
1
0
0
0
8.2.2
Writing to a ROM Zone Register
A ROM Zone register can only be written to a logic ‘1’ which will set the corresponding memory zone to a
ROM state. Once a ROM Zone register has been written, it can never be altered again.
To write to a ROM Zone register, the master must send a Start condition, followed by the device address
byte with the opcode of 0111b (7h) specified, along with the appropriate slave address combination and
the Read/Write bit set to a logic ‘0’. The device will return an ACK. After the device address byte has
been sent, the AT21CS01/11 will return an ACK.
Following the device address byte is an 8-bit ROM Zone register address byte. The address sent to the
device must match one of the ROM Zone register addresses specified in Table 8-2. After the ROM Zone
register address has been sent, the AT21CS01/11 will return an ACK.
After the AT21CS01/11 has sent the ACK, the master must send an FFh data byte in order to set the
appropriate ROM Zone register to the logic ‘1’ state. The device will then return an ACK and, after a Stop
condition is executed, the device will enter a self-time internal write cycle, lasting tWR. If a Stop condition
is sent at any other point in the sequence, the write operation to the ROM Zone register is aborted. The
device will not respond till any commands until the tWR time has completed. This sequence is depicted in
Figure 8-2.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com