Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 16 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 16 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 12Page - Microchip Technology AT21CS11 Datasheet HTML 13Page - Microchip Technology AT21CS11 Datasheet HTML 14Page - Microchip Technology AT21CS11 Datasheet HTML 15Page - Microchip Technology AT21CS11 Datasheet HTML 16Page - Microchip Technology AT21CS11 Datasheet HTML 17Page - Microchip Technology AT21CS11 Datasheet HTML 18Page - Microchip Technology AT21CS11 Datasheet HTML 19Page - Microchip Technology AT21CS11 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Note:  The interruption of protocol must not occur during a write sequence immediately after a logic ‘0’
“ACK” response when sending data to be written to the device. In this case, the interruption will be
interpreted as a Stop condition and will cause an internal write cycle to begin. The device will be busy for
tWR time and will not respond to any commands.
Note:  For systems that cannot accurately monitor the location of interrupts, it is recommended to ensure
that a minimum interruption time be observed consistent with the longest busy operation of the device
(tWR). Communicating with the device while it is in an internal write cycle by the master driving SI/O low
could cause the byte(s) being written to become corrupted and must be avoided. The behavior of the
device during a write cycle is described in more detail in Device Behavior During Internal Write Cycle.
If the sequence is interrupted for longer than the maximum tBIT, the master must wait at least the
minimum tHTSS before continuing. By waiting the minimum tHTSS time, a new Start condition is created
and the device is ready to receive a new command. It is recommended that the master start over and
repeat the transaction that was interrupted midstream.
3.1.3.4
Data Output Bit Frame
A data output bit frame is used when the master is to receive communication back from the
AT21CS01/11. Data output bit frames are used when reading any data out as well as any ACK or NACK
responses from the device. Just as in the input bit frame, the master initiates the sequence by driving the
SI/O line below the VIL threshold which engages the AT21CS01/11 internal timing generation circuit.
Within the output bit frame is the critical timing parameter tRD, which is defined as the amount of time the
master must continue to drive the SI/O line low after crossing the below VIL threshold to request a data bit
back from the AT21CS01/11. Once the tRD duration has expired, the master must release the SI/O line.
If the AT21CS01/11 is responding with a logic ‘0’ (for either a ‘0’ data bit or an ACK response), it will begin
to pull the SI/O line low concurrently during the tRD window and continue to hold it low for a duration of
tHLD0, after which it will release the line to be pulled back up to VPUP (see Figure 3-6). Thus, when the
master samples SI/O within the tMRS window, it will see a voltage less than VIL and decode this event as a
logic ’0’. By definition, the tHLD0 time is longer than the tMRS time and therefore, the master is ensured to
sample while the AT21CS01/11 is still driving the SI/O line low.
Figure 3-6. Logic 0 Data Output Bit Frame Waveform
AT21CS01 [DATASHEET]
Atmel-8903A-SEEPROM-AT21CS01-Datasheet_082015
10
3.1.3.4 Data Output Bit Frame
A data output Bit Frame is used when the Master is to receive communication back from the AT21CS01. Data
output Bit Frames are used when reading any data out as well as any ACK or NACK responses from the device.
Just as in the input Bit Frame, the Master initiates the sequence by driving the SI/O line below the VIL threshold
which engages the AT21CS01’s internal timing generation circuit.
Within the output Bit Frame is the critical timing parameter tRD, which is defined as the amount of time the
Master must continue to drive the SI/O line low after crossing the below VIL threshold to request a data bit back
from the AT21CS01. Once the tRD duration has expired, the Master must release the SI/O line.
If the AT21CS01 is responding with a Logic 0 (for either a
‘0’ data bit or an ACK response), it will begin to pull
the SI/O line low concurrently during the tRD window and continue to hold it low for a duration of tHLD0, after
which it will release the line to be pulled back up to VPUP (see Figure 3-6). Thus, when the Master samples SI/O
within the tMRS window, it will see a voltage less than VIL and decode this event as a Logic 0. By definition, the
tHLD0 time is longer than the tMRS time and therefore the Master is guaranteed to sample while the AT21CS01 is
still driving the SI/O line low.
Figure 3-6.
Logic 0 Data Output Bit Frame Waveform
If the AT21CS01 intends to respond with a Logic 1 (for either a
‘1’ data bit or a NACK response), it will not drive
the SI/O line low at all. Once the Master releases the SI/O line after the maximum tRD has elapsed, the line will
be pulled up to VPUP. Thus when the Master samples the SI/O line within the tMRS window, it will detect a voltage
greater than VIH and decode this event as a Logic 1.
The data output Bit Frame is shown in greater detail below in Figure 3-7.
Figure 3-7.
Logic 1 Data Output Bit Frame Waveform
SI/O
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
tMRS
tRCV
AT21CS01
Master
Sampling
Window
tRD
tHLD0
tPUP
SI/O
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
tMRS
AT21CS01
Master
Sampling
Window
tRD
tPUP
Note: AT21CS01 will not drive the SI/O line during a Logic 1 output Bit Frame.
If the AT21CS01/11 intends to respond with a logic ‘1’ (for either a ‘1’ data bit or a NACK response), it will
not drive the SI/O line low at all. Once the master releases the SI/O line after the maximum tRD has
elapsed, the line will be pulled up to VPUP. Thus, when the master samples the SI/O line within the tMRS
window, it will detect a voltage greater than VIH and decode this event as a logic ‘1’.
The data output bit frame is shown in greater detail below in Figure 3-7.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com