Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 1 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 1 Page - Microchip Technology

  AT21CS11 Datasheet HTML 1Page - Microchip Technology AT21CS11 Datasheet HTML 2Page - Microchip Technology AT21CS11 Datasheet HTML 3Page - Microchip Technology AT21CS11 Datasheet HTML 4Page - Microchip Technology AT21CS11 Datasheet HTML 5Page - Microchip Technology AT21CS11 Datasheet HTML 6Page - Microchip Technology AT21CS11 Datasheet HTML 7Page - Microchip Technology AT21CS11 Datasheet HTML 8Page - Microchip Technology AT21CS11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
AT21CS01/AT21CS11
Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM
with a Unique, Factory-Programmed 64-Bit Serial Number
Features
•
Low
‑Voltage Operation:
–
AT21CS01 is self-powered via the 1.7V to 3.6V pull
‑up voltage on the SI/O line
–
AT21CS11 is self-powered via the 2.7V to 4.5V pull
‑up voltage on the SI/O line
•
Internally Organized as 128 Words of Eight Bits Each (1-Kbit)
•
Single-Wire Serial Interface with I2C Protocol Structure:
–
Device communication is achieved through a single I/O pin
•
Standard Speed and High-Speed Mode Options:
–
15.4 kbps maximum bit rate in Standard Speed mode (AT21CS01 only)
–
125 kbps maximum bit rate in High-Speed mode (AT21CS01 and AT21CS11)
•
8
‑Byte Page Write or Single Byte Writes Allowed
•
Discovery Response Feature for Quick Detection of Devices on the Bus
•
ROM Zone Support:
–
Device is segmented into four 256
‑bit zones, each of which can be permanently made
read
‑only (ROM)
•
256
‑bit Security Register:
–
Lower eight bytes contains a factory-programmed, read-only, 64
‑bit serial number that is
unique to all Microchip single
‑wire products
–
Next eight bytes are reserved for future use and will read FFh
–
Upper 16 bytes are user
‑programmable and permanently lockable
•
Self
‑Timed Write Cycle (5 ms maximum)
•
Manufacturer Identification Register:
–
Device responds with unique value for Microchip as well as density and revision information
•
High Reliability:
–
Endurance: 1,000,000 write cycles
–
Data retention: 100 years
–
IEC 61000-4-2 Level 4 ESD Compliant (±8 kV Contact, ±15 kV Air Discharge)
•
Green (Lead-free/Halide-free/RoHS Compliant) Package Options
•
Die Sale Options in Wafer Form and Tape and Reel
Packages
2-pad XSFN, 3-lead SOT23, 8-lead SOIC and 4-ball thin WLCSP.
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 1


Similar Part No. - AT21CS11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT210 ETC2-AT210 Datasheet
3Mb / 33P
Accessories Hardware
AT210 ETC-AT210 Datasheet
3Mb / 34P
Accessories Hardware
logo
Aimtron Technology
AT2101 AIMTRON-AT2101 Datasheet
209Kb / 8P
12-Bit 6MSPS A/D CONVERTER
logo
List of Unclassifed Man...
AT211 ETC2-AT211 Datasheet
3Mb / 33P
Accessories Hardware
AT211 ETC-AT211 Datasheet
3Mb / 34P
Accessories Hardware
More results

Similar Description - AT21CS11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2401 MAXIM-DS2401_11 Datasheet
337Kb / 11P
Silicon Serial Number Unique, Factory-Lasered and Tested 64-Bit
Rev 5/11
logo
ATMEL Corporation
AT24CS01 ATMEL-AT24CS01_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS02 ATMEL-AT24CS02_14 Datasheet
839Kb / 23P
Factory Programmed 128-bit Serial Number
AT24CS04 ATMEL-AT24CS04_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS08 ATMEL-AT24CS08_14 Datasheet
881Kb / 24P
Factory Programmed 128-bit Serial Number
AT24CS16 ATMEL-AT24CS16_14 Datasheet
868Kb / 22P
Factory Programmed 128-bit Serial Number
AT24MAC402 ATMEL-AT24MAC402_14 Datasheet
1Mb / 29P
Plus an Embedded Unique 128-bit Serial Number
logo
Microchip Technology
11AA02UID MICROCHIP-11AA02UID Datasheet
666Kb / 32P
2K UNI/O짰 Serial EEPROM with Unique 32-Bit Serial Number
11/29/12
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
AT24CS32 MICROCHIP-AT24CS32 Datasheet
1Mb / 42P
I²C-Compatible (Two-Wire) Serial EEPROM with a Unique,Factory-Programmed 128-Bit Serial Number 32‑Kbit (4,096 x 8)
Revision A April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com