Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 25 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 25 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 21Page - Microchip Technology AT21CS11 Datasheet HTML 22Page - Microchip Technology AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Figure 6-4. Lock Command
SI/O
MSB
ACK
by Slave
0
0
1
0 A2 A1 A0 0
Device Address
MSB
0
1
1
0
X
X
X
X
Lock Security Register Address
MSB
X
X
X
X
X
X
X
X
Data In Byte
ACK
by Slave
ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
6.5.1
Device Response to a Write Command on a Locked Device
A locked device will respond differently to a Write command to the Security register compared to a device
that has not been locked. Writing to the Security register is accomplished by sending a Start condition
followed by a device address byte with the opcode of 1011b (Bh), the appropriate slave address
combination, and the Read/Write bit set as a logic ‘0’. Both a locked device and a device that has not
been locked will return an ACK. Next, the 8-bit word address is sent and again, both devices will return an
ACK. However, upon sending the data input byte, a device that has already been locked will return a
NACK and be immediately ready to accept a new command, whereas a device that has not been locked
will return an ACK to the data input byte as per normal operation for a Write command as described in
Write Operations.
6.5.2
Check Lock Command
The Check Lock command follows the same sequence as the Lock command (including 0110b in the A7
through A4 bits of the memory address byte) with the exception that only the device address byte and
memory address byte need to be transmitted to the device. An ACK response to the memory address
byte indicates that the lock has not been set while a NACK response indicates that the lock has been set.
If the lock has already been enabled, it cannot be reversed. The Check Lock command is completed by
the master sending a Stop bit to the device (defined as a null bit frame).
Figure 6-5. Check Lock Command
SI/O
MSB
ACK
by Slave
0
0
1
0 A2 A1 A0 0
Device Address
MSB
0
1
1
0
X
X
X
X
Lock Security Register Address
ACK by Slave
if Unlocked
NACK by Slave
if Locked
Stop Condition
by Master
Start Condition
by Master
0
6.6
Setting the Device Speed
The AT21CS01 can be set to Standard Speed mode (15.4 kbps maximum) or High-Speed mode
(125 kbps maximum) through a software sequence. Upon executing a Reset and Discovery Response
sequence (see Device Reset/Power-up and Discovery Response), the device will default to High-Speed
mode. The AT21CS11 does not have Standard Speed mode.
6.6.1
Standard Speed Mode (AT21CS01)
The AT21CS01 can be set to Standard Speed mode or checked to see whether or not it is in Standard
Speed mode with the use of the Dh opcode. This transaction only requires eight bits.
To set the device to Standard Speed mode, the master must send a Start condition, followed by the
device address byte with the opcode of 1101b (Dh) specified, along with the appropriate slave address
combination and the Read/Write bit set to a logic ‘0’. The device will return an ACK (logic ‘0’) and will be
immediately ready to receive commands for standard speed operation.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com