Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 23 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 23 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 19Page - Microchip Technology AT21CS11 Datasheet HTML 20Page - Microchip Technology AT21CS11 Datasheet HTML 21Page - Microchip Technology AT21CS11 Datasheet HTML 22Page - Microchip Technology AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
6.3
Page Write
A page write operation allows up to eight bytes to be written in the same write cycle, provided all bytes
are in the same row (address bits A6 through A3 are the same) of the memory array. Partial page writes
of less than eight bytes are allowed.
A page write is initiated the same way as a byte write, but the bus master does not send a Stop condition
after the first data byte is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
byte, the bus master can transmit up to an additional seven data bytes.
The EEPROM will respond with an ACK after each data byte is received. Once all data bytes have been
sent, the device requires a Stop condition to begin the write cycle. However, since a Stop condition is
defined as a null bit frame with SI/O pulled high, the master does not need to drive the SI/O line to
accomplish this. If a Stop condition is sent at any other time, the write operation is aborted. After the Stop
condition is complete, the internally self-timed write cycle will begin.The SI/O pin must be pulled high via
the external pull-up resistor during the entire tWR cycle. Thus, in a multi
‑slave environment,
communication to other single-wire devices on the bus should not be attempted while any devices are in
an internal write cycle.
The lower three bits of the memory address are internally incremented following the receipt of each data
byte. The higher order address bits are not incremented, and the device retains the memory page
location. Page write operations are limited to writing bytes within a single physical page, regardless of the
number of bytes actually being written. When the incremented word address reaches the page boundary,
the address counter will “roll over” to the beginning of the same page. Nevertheless, creating a roll over
event should be avoided as previously loaded data in the page could become unintentionally altered.
After the maximum tWR time has elapsed, the master may begin a new bus transaction.
Note: 
1.
Any attempt to interrupt the internal write cycle by driving the SI/O line low may cause the bytes
being programmed to be corrupted. Other memory locations within the memory array will not be
affected. Note Device Behavior During Internal Write Cycle for the behavior of the device while the
write cycle is in progress. If the master must interrupt a write operation, the SI/O line must be driven
low for tDSCHG as noted in Interrupting the Device during an Active Operation.
Figure 6-2. Page Write
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 0
Device Address
MSB
x A6 A5 A4 A3 A2 A1 A0
Memory Address
MSB
D
D
D
D
D
D
D
D
Data In Byte (1)
D
D
D
D
D
D
D
D
Data In Byte (8)
ACK
by Slave
ACK
by Slave
ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
0
Note: 
1.
x = Don’t Care bit in the place of A7 as this bit falls outside the 1-Kbit addressable range.
6.4
Writing to the Security Register
The Security register supports bytes writes, page writes, and partial page writes in the upper 16 bytes
(upper two pages of eight bytes each) of the region. Page writes and partial page writes in the Security
register have the same page boundary restrictions and behavior requirements as they do in the
EEPROM.
Upon receipt of the proper device address byte (with opcode of Bh specified) and memory address byte,
the EEPROM will send a logic ‘0’ to signify an ACK. The device will then be ready to receive the first data
byte.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com