Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 26 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 26 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 22Page - Microchip Technology AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
To determine if the device is already set to Standard Speed mode, the device address byte with the
opcode of 1101b (Dh) must be sent to the device, along with the appropriate slave address combination
and the Read/Write bit set to a logic ‘1’. The device will return an ACK (logic ‘0’) if it was set for Standard
Speed mode. It will return a NACK (logic ‘1’) if the device was not currently set for Standard Speed mode.
Note:  The AT21CS11 will NACK this command.
6.6.2
High-Speed Mode
The device can be set to High-Speed mode or checked to see whether or not it is in High-Speed mode
with the use of the Eh opcode. This transaction only requires eight bits. The power-on default for the
AT21CS01/11 is High-Speed mode.
To set the device to High-Speed mode, the master must send a Start condition, followed by the device
address byte with the opcode of 1110b (Eh) specified, along the appropriate slave address combination
and the Read/Write bit set to a logic ‘0’. The device will return an ACK (Logic 0) and will be immediately
ready to receive commands for high-speed operation.
To determine if the device is already set to High-Speed mode, the device address byte with the opcode of
1110b (Eh) specified must be sent to the device along with the appropriate slave address combination
and the Read/Write bit set to a logic ‘1’. The device will return an ACK (logic ‘0’) if it was set for High-
Speed mode. It will return a NACK (logic ‘1’) if the device was not currently set for High-Speed mode.
Note:  The AT21CS11 will ACK this command.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com