Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 10 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 6Page - Microchip Technology AT21CS11 Datasheet HTML 7Page - Microchip Technology AT21CS11 Datasheet HTML 8Page - Microchip Technology AT21CS11 Datasheet HTML 9Page - Microchip Technology AT21CS11 Datasheet HTML 10Page - Microchip Technology AT21CS11 Datasheet HTML 11Page - Microchip Technology AT21CS11 Datasheet HTML 12Page - Microchip Technology AT21CS11 Datasheet HTML 13Page - Microchip Technology AT21CS11 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
1.5.3
EEPROM Cell Performance Characteristics
Operation
Min.
Max.
Units
Test Condition
Write Cycle Time
(tWR)
—
5
ms
VPUP (min.) < VPUP < VPUP (max.),
TA = 25°C, Byte or Page Write mode
Write Endurance(1)
1,000,000
—
Write Cycles
VPUP (min.) < VPUP < VPUP (max.),
TA = 25°C, Byte or Page Write mode
Data Retention(2)
100
—
Years
VPUP (min.) < VPUP < VPUP (max.),
TA = 55°C
Note: 
1.
Write endurance performance is determined through characterization and the qualification process.
2.
The data retention capability is determined through qualification and checked on each device in
production.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com