Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 15 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 15 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 11Page - Microchip Technology AT21CS11 Datasheet HTML 12Page - Microchip Technology AT21CS11 Datasheet HTML 13Page - Microchip Technology AT21CS11 Datasheet HTML 14Page - Microchip Technology AT21CS11 Datasheet HTML 15Page - Microchip Technology AT21CS11 Datasheet HTML 16Page - Microchip Technology AT21CS11 Datasheet HTML 17Page - Microchip Technology AT21CS11 Datasheet HTML 18Page - Microchip Technology AT21CS11 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
Figure 3-3. Logic 1 Input Condition Waveform
SI/O
tLOW1
VIL
VIH
tBIT
MASTER
PULL-UP RESISTOR
3.1.3.2
Start/Stop Condition
All transactions to the AT21CS01/11 begin with a Start condition; therefore, a Start can only be
transmitted by the master to the slave. Likewise, all transactions are terminated with a Stop condition and
thus a Stop condition can only be transmitted by the master to the slave.
The Start and Stop conditions require identical biasing of the SI/O line. The Start/Stop condition is
created by holding the SI/O line at a voltage of VPUP for a duration of tHTSS. Refer to AT21CS01/11 AC
Characteristics for timing minimums and maximums.
Figure 3-4 and Figure 3-5 depict the Start and Stop conditions.
Figure 3-4. Start Condition Waveform
SI/O
VIL
VIH
tHTSS
MASTER
PULL-UP RESISTOR
Figure 3-5. Stop Condition Waveform
SI/O
VIL
VIH
tHTSS
MASTER
PULL-UP RESISTOR
Previous
Bit Frame
tRCV
3.1.3.3
Communication Interruptions
In the event that a protocol sequence is interrupted midstream, this sequence can be resumed at the
point of interruption if the elapsed time of inactivity (where SI/O is idle) is less that the maximum tBIT time.
The maximum allowed value will differ if the device is High-Speed mode or Low-Speed mode (see Setting
the Device Speed).
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com