Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 34 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 34 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology AT21CS11 Datasheet HTML 33Page - Microchip Technology AT21CS11 Datasheet HTML 34Page - Microchip Technology AT21CS11 Datasheet HTML 35Page - Microchip Technology AT21CS11 Datasheet HTML 36Page - Microchip Technology AT21CS11 Datasheet HTML 37Page - Microchip Technology AT21CS11 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
Figure 8-2. Writing to a ROM Zone Register
SI/O
MSB
ACK
by Slave
0
1
1
1 A2 A1 A0 0
Device Address
MSB
0
0
0
0 A3 A2 A1 A0
ROM Zone Register Address
MSB
1
1
1
1
1
1
1
1
Data In Byte (FFh)
ACK
by Slave
ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
Note: 
1.
Any attempt to interrupt the internal write cycle by driving the SI/O line low may cause the register
being programmed to become corrupted. Note Device Behavior During Internal Write Cycle for the
behavior of the device while a write cycle is in progress. If the master must interrupt a write
operation, the SI/O line must be driven low for tDSCHG as noted in Interrupting the Device during an
Active Operation.
8.2.3
Freeze ROM Zone Registers
The current ROM Zone state can be frozen so that no further modifications to the ROM Zone registers
can be made. Once frozen, this event cannot be reversed.
To freeze the state of the ROM Zone registers, the master must send a Start condition, followed by the
device address byte with the opcode of 0001b (1h) specified, along with the appropriate slave address
combination and the Read/Write bit set to a logic ‘0’. The device will return either an ACK (logic ‘0’)
response if the ROM Zone registers have not been previously frozen or a NACK (logic ‘1’) response if the
registers have already been frozen.
If the AT21CS01/11 returns an ACK, the master must send a fixed arbitrary address byte value of 55h, to
which the device will return an ACK (logic ‘0’). Following the 55h address byte, a data byte of AAh must
be sent by the master. The device will ACK after the AAh data byte. If an address byte other than 55h or
a data byte other than AAh is sent, the device will NACK (logic ‘1’) and the freeze operation will not be
performed.
To complete the Freeze ROM Zone register sequence, a Stop condition is required. If a Stop condition is
sent at any other point in this sequence, the operation is aborted. Since a Stop condition is defined as a
null bit frame with SI/O pulled high, the master does not need to drive the SI/O line to accomplish this.
After the Stop condition is complete, the internally self-timed write cycle will begin.The SI/O pin must be
pulled high via the external pull-up resistor during the entire tWR cycle.
Figure 8-3. Freezing the ROM Zone Registers
SI/O
MSB
ACK
by Slave
0
0
0
1 A2 A1 A0 0
Device Address
MSB
0
1
0
1
0
1
0
1
Fixed Abitrary Address (55h)
MSB
1
0
1
0
1
0
1
0
Data In Byte (AAh)
ACK
by Slave
ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
Note: 
1.
Any attempt to drive the SI/O line low during the tWR time period may cause the Freeze operation to
not complete successfully, and must be avoided.
8.3
Device Response to a Write Command Within an Enabled ROM Zone
The AT21CS01/11 will respond differently to a Write command in a memory zone that has been set to
ROM compared to Write command in a memory zone that has not been set to ROM. Writing to the
EEPROM is accomplished by sending a Start condition followed by a device address byte with the
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com