Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 22 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 22 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 18Page - Microchip Technology AT21CS11 Datasheet HTML 19Page - Microchip Technology AT21CS11 Datasheet HTML 20Page - Microchip Technology AT21CS11 Datasheet HTML 21Page - Microchip Technology AT21CS11 Datasheet HTML 22Page - Microchip Technology AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
6.
Write Operations
All write operations for the AT21CS01/11 begin with the master sending a Start condition, followed by a
device address byte (opcode Ah for the EEPROM and opcode Bh for the Security register) with the R/W
bit set to ‘0’ followed by the memory address byte. Next, the data value(s) to be written to the device are
sent. Data values must be sent in 8-bit increments to the device followed by a Stop condition. If a Stop
condition is sent somewhere other than at the byte boundary, the current write operation will be aborted.
The AT21CS01/11 allows single byte writes, partial page writes, and full page writes.
6.1
Device Behavior During Internal Write Cycle
To ensure that the address and data sent to the device for writing are not corrupted while any type of
internal write operation is in progress, commands sent to the device are blocked from being recognized
until the internal operation is completed. If a write interruption occurs (SI/O pulsed low) and is small
enough to not deplete the internal power storage, the device will NACK signaling that the operation is in
progress. If an interruption is longer than tDSCHG then internal write operation will be terminated and may
result in data corruption.
6.2
Byte Write
The AT21CS01/11 supports writing of a single 8-bit byte and requires a 7-bit memory word address to
select which byte to write.
Upon receipt of the proper device address byte (with opcode of Ah) and memory address byte, the
EEPROM will send a logic ‘0’ to signify an ACK. The device will then be ready to receive the data byte.
Following receipt of the complete 8-bit data byte, the EEPROM will respond with an ACK. A Stop
condition must then occur; however, since a Stop condition is defined as a null bit frame with SI/O pulled
high, the master does not need to drive the SI/O line to accomplish this. If a Stop condition is sent at any
other time, the write operation is aborted. After the Stop condition is complete, the EEPROM will enter an
internally self-timed write cycle, which will complete within a time of tWR, while the data is being
programmed into the nonvolatile EEPROM. The SI/O pin must be pulled high via the external pull-up
resistor during the entire tWR cycle. After the maximum tWR time has elapsed, the master may begin a
new bus transaction.
Note: 
1.
Any attempt to interrupt the internal write cycle by driving the SI/O line low may cause the byte
being programmed to be corrupted. Other memory locations within the memory array will not be
affected. Note Device Behavior During Internal Write Cycle for the behavior of the device while the
write cycle is in progress. If the master must interrupt a write operation, the SI/O line must be driven
low for tDSCHG as noted in Interrupting the Device during an Active Operation.
Figure 6-1. Byte Write
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 0
Device Address
MSB
x A6 A5 A4 A3 A2 A1 A0
Memory Address
MSB
D
D
D
D
D
D
D
D
Data In Byte
ACK
by Slave
`ACK
by Slave
Stop Condition
by Master
Start Condition
by Master
0
0
0
Note: 
1.
x = Don’t Care bit in the place of A7 as this bit falls outside the 1-Kbit addressable range.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com