Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 44 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 44 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 39Page - Microchip Technology AT21CS11 Datasheet HTML 40Page - Microchip Technology AT21CS11 Datasheet HTML 41Page - Microchip Technology AT21CS11 Datasheet HTML 42Page - Microchip Technology AT21CS11 Datasheet HTML 43Page - Microchip Technology AT21CS11 Datasheet HTML 44Page - Microchip Technology AT21CS11 Datasheet HTML 45Page - Microchip Technology AT21CS11 Datasheet HTML 46Page - Microchip Technology AT21CS11 Datasheet HTML 47Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
Product Identification System
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Tape and Reel
Option
PART NO.
XX
X
X
Device Package Device
Grade
Operating
Voltage
Product
Variation
XX
X[1]
Device:
AT21CS01/11: Single-Wire, I/O Powered 1
‑Kbit (128 x 8) Serial EEPROM
with Unique, Factory
‑Programmed 64‑bit Serial Number
Package Option:
MS
= 2-Pad XSFN
ST
= 3-Lead SOT23
SS
= 8-Lead SOIC
U
= 4-Ball WLCSP (AT21CS01 only)
WWU
= Wafer Unsawn
Package Device Grade or
Wafer/Die Thickness:
H
= Green, Industrial Temperature Range (-40°C to +85°C)
U
= Green, Industrial Temperature Range (
‑40°C to +85°C)
11 = 11 mil Wafer Thickness
Operating Voltage:
M
= 1.7V to 3.6V (AT21CS01)
blank
= 2.7V to 4.5V (AT21CS11)
Product Variation:
10 = 0-0-0 Slave Address (A2, A1, A0)(2)
0B = 0-0-0 Slave Address (A2, A1, A0), WLCSP package with Back
Side Coating
Tape and Reel Option:
B
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Note: 
1.
Tape and Reel identifier only appears in the catalog part number description. This identifier is used
for ordering purposes and is not printed on the device package. Check with your Microchip Sales
Office for package availability with the Tape and Reel option.
2.
Please contact Microchip Sales to order devices with non 0-0-0 slave addresses.
Examples:
•
AT21CS01-SSHM10-T, 1.7V-3.6V, Industrial Temp., Tape and Reel, SOIC package,
Slave Address 0-0-0
•
AT21CS01-SSHM11-B, 1.7V-3.6V, Industrial Temp., SOIC package, Slave Address 0-0-1(2)
•
AT21CS01-MSHM15-T, 1.7V-3.6V, Industrial Temp., Tape and Reel, XSFN package,
Slave Address 1-0-1(2)
•
AT21CS01-UUM0B-T, 1.7V-3.6V, Industrial Temp., Tape and Reel, UDFN package,
Slave Address 0-0-0
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com