Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 2 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 2 Page - Microchip Technology

  AT21CS11 Datasheet HTML 1Page - Microchip Technology AT21CS11 Datasheet HTML 2Page - Microchip Technology AT21CS11 Datasheet HTML 3Page - Microchip Technology AT21CS11 Datasheet HTML 4Page - Microchip Technology AT21CS11 Datasheet HTML 5Page - Microchip Technology AT21CS11 Datasheet HTML 6Page - Microchip Technology AT21CS11 Datasheet HTML 7Page - Microchip Technology AT21CS11 Datasheet HTML 8Page - Microchip Technology AT21CS11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Package Types (not to scale)
8-lead SOIC
(Top View)
NC
1
2
3
4
8
7
6
5
NC
NC
GND
NC
NC
NC
SI/O
SI/O
GND
4-ball WLCSP
(Top View)
NC
NC
A1
A2
B1
B2
3
2
1
GND
SI/O
NC
3-lead SOT23
(Top View)
SI/O
GND
1
2
2-pad XSFN
(Top View)
Description
The AT21CS01/11 is a 2-pin memory (SI/O signal and Ground) that harvests energy from the signal pin to
power the integrated circuit. It provides 1,024 bits of Serial Electrically Erasable and Programmable Read-
Only Memory (SEEPROM) organized as 128 words of eight bits each.
The device is optimized to add configuration and use information in unpowered attachments using a two-point
mechanical connection that brings only one signal (SI/O) and GND to the unpowered attachment. Some
unpowered attachment application examples include analog sensor calibration data storage, ink and toner
printer cartridge identification, and management of after
‑market consumables. The device’s software
addressing scheme allows up to eight devices to share a common single
‑wire bus. The device is available in
space
‑saving package options and operates with an external pull‑up voltage from 1.7V to 3.6V on the SI/O
line (AT21CS01) or from 2.7V to 4.5V on the SI/O line (AT21CS11).
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com