Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 30 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 30 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology AT21CS11 Datasheet HTML 33Page - Microchip Technology AT21CS11 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Figure 7-5. Serial Number Read
SI/O
MSB
ACK
by Slave
1
0
1
1 A2 A1 A0 0
Device Address
MSB
X
X
X
0
0
0
0
0
Serial Number Starting Address
MSB
D
D
D
D
D
D
D
D
Serial Number Byte 00h
ACK
by Slave
ACK
by Master
Stop Condition
by Master
Start Condition
by Master
MSB
ACK
by Slave
1
0
1
1 A2 A1 A0 1
Device Address
Restart
by Master
MSB
D
D
D
D
D
D
D
D
Serial Number Byte 07h
Dummy Write
NACK
by Master
0
1
0
0
0
7.5
Manufacturer ID Read
The AT21CS01/11 offers the ability to query the device for manufacturer, density, and revision
information. By using a specific opcode and following the format of a current address read, the device will
return a 24-bit value that corresponds with the I2C identifier value reserved for Microchip, along with
further data to signify a 1-Kbit density and the device revision.
To read the Manufacturer ID data, the master must send a Start condition, followed by the device address
byte with the opcode of 1100b (Ch) specified, along the appropriate slave address combination and the
Read/Write bit set to a logic ‘1’. After the device address byte has been sent, the AT21CS01/11 will return
an ACK (logic ‘0’). If the Read/Write bit is set to a logic ‘0’ to indicate a write, the device will NACK (logic
‘1’) since the Manufacturer ID data is read-only.
After the device has returned an ACK, it will then send the first byte of Manufacturer ID data which
contains the eight Most Significant bits (D23
‑D16) of the 24-bit data value. The master can then return an
ACK (logic ‘0’) to indicate it successfully received the data, upon which the device will send the second
byte (D15
‑D8) of Manufacturer ID data. The process repeats until all three bytes have been read out and
the master sends a NACK (logic ‘1’) to complete the sequence. Figure 7-6 depicts this sequence below. If
the master ACKs (logic ‘0’) the third byte, the Internal Pointer will roll over back to the first byte of
Manufacturer ID data.
Figure 7-6. Manufacturer ID Read
SI/O
MSB
ACK
by Slave
1
1
0
0 A2 A1 A0 1
Device Address
MSB
(D23)
D
D
D
D
D
D
D
D
Manufacturer ID Byte 1
ACK
by Master
D
D
D
D
D
D
D
D
Manufacturer ID Byte 2
NACK
by Master
Stop Condition
by Master
Start Condition
by Master
ACK
by Master
LSB
(D0)
D
D
D
D
D
D
D
D
Manufacturer ID Byte 3
0
1
0
0
Table 7-2 below provides the format of the Manufacturer ID data.
Table 7-2. Manufacturer ID Data Format
Device
Manufacturer Code
<D23:D12>
Device Code
<D11:D3>
Revision Code
<D2:D0>
Hex Value
<D23:D0>
AT21CS01
0000-0000-1101
0010-0000-0
000
00D200h
AT21CS11
0000-0000-1101
0011-1000-0
000
00D380h
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com