Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 9 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 5Page - Microchip Technology AT21CS11 Datasheet HTML 6Page - Microchip Technology AT21CS11 Datasheet HTML 7Page - Microchip Technology AT21CS11 Datasheet HTML 8Page - Microchip Technology AT21CS11 Datasheet HTML 9Page - Microchip Technology AT21CS11 Datasheet HTML 10Page - Microchip Technology AT21CS11 Datasheet HTML 11Page - Microchip Technology AT21CS11 Datasheet HTML 12Page - Microchip Technology AT21CS11 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
1.5.2
Data Communication Timing
Parameter and Condition(1)(2)
Symbol Frame Type
Standard
Speed(3)
High Speed
Units
Min.
Max.
Min.
Max.
Bit Frame Duration
tBIT
Input and
Output Bit
Frame
40
100
tLOW0 +
tPUP(4) +
tRCV
25
µs
SI/O High Time for Start/Stop
Condition
tHTSS
Input Bit
Frame
600
—
150
—
µs
SI/O Low Time, Logic ‘0’
Condition
tLOW0
Input Bit
Frame
24
64
6
16
µs
SI/O Low Time, Logic ‘1’
Condition
tLOW1
Input Bit
Frame
4
8
1
2
µs
Master SI/O Low Time During
Read
tRD
Output Bit
Frame
4
8 -
tPUP(4)
1
2 -
tPUP(4)
µs
Master Read Strobe Time
tMRS
Output Bit
Frame
tRD +
tPUP(4)
8
tRD +
tPUP(4)
2
µs
Data Output Hold Time (Logic
‘0’)
tHLD0
Output Bit
Frame
8
24
2
6
µs
Slave Recovery Time
tRCV
Input and
Output Bit
Frame
8
—
2(5)
—
µs
Noise Filtering Capability on
SI/O
tNOISE
Input Bit
Frame
0.5
—
—
—
µs
Note: 
1.
Parameters applicable over operating range in AT21CS01/11 DC and AC Operating Range, unless
otherwise noted.
2.
AC measurement conditions for the table above:
–
Loading capacitance on SI/O: 100 pF
–
RPUP (bus line pull-up resistor to VPUP): 1 kΩ; VPUP: 2.7V
3.
Standard Speed is not available on the AT21CS11.
4.
tPUP is the time required once the SI/O line is released to be pulled up from VIL to VIH. This value is
application specific and is a function of the loading capacitance on the SI/O line as well as the RPUP
chosen. Limits for these values are provided in AT21CS01 DC Characteristics(1).
5.
The system designer must select an combination of RPUP, CBUS, and tBIT such that the minimum
tRCV is satisfied. The relationship of tRCV within the bit frame can be expressed by the following
formula: tBIT = tLOW0 + tPUP + tRCV.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com