Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 21 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 21 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 17Page - Microchip Technology AT21CS11 Datasheet HTML 18Page - Microchip Technology AT21CS11 Datasheet HTML 19Page - Microchip Technology AT21CS11 Datasheet HTML 20Page - Microchip Technology AT21CS11 Datasheet HTML 21Page - Microchip Technology AT21CS11 Datasheet HTML 22Page - Microchip Technology AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
5.5
Freeze ROM Zone State (Opcode 1h)
The opcode 1h is used to permanently freeze the current state of the ROM Zone registers. Once set, the
ROM Zone registers are read-only.
Therefore, any zone that is not already read-only cannot be subsequently converted to ROM. Refer to
Freeze ROM Zone Registers for additional details.
5.6
Manufacturer ID Read (Opcode Ch)
Manufacturer identification, device density, and device revision information can be read from the device
using the opcode Ch. The full details of the format of the data returned by this command are found in
Manufacturer ID Read.
5.7
Standard Speed Mode (Opcode Dh)
The AT21CS01 can be set to Standard Speed mode or checked to see whether or not it is in Standard
Speed mode with the use of the Dh opcode. Further details are covered in Standard Speed Mode
(AT21CS01). The AT21CS11 does not offer Standard Speed mode and therefore will NACK this
command.
5.8
High-Speed Mode (Opcode Eh)
The AT21CS01 can be set to High-Speed mode or checked to see whether or not it is in High-Speed
mode with the use of the Eh opcode. The AT21CS11 only operates in High-Speed mode and therefore
will ACK this command. Further details are covered in High-Speed Mode.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com