Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 7 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 3Page - Microchip Technology AT21CS11 Datasheet HTML 4Page - Microchip Technology AT21CS11 Datasheet HTML 5Page - Microchip Technology AT21CS11 Datasheet HTML 6Page - Microchip Technology AT21CS11 Datasheet HTML 7Page - Microchip Technology AT21CS11 Datasheet HTML 8Page - Microchip Technology AT21CS11 Datasheet HTML 9Page - Microchip Technology AT21CS11 Datasheet HTML 10Page - Microchip Technology AT21CS11 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
Parameter
Symbol
Minimum
Typical(2)
Maximum
Units
Test Conditions
SI/O Hysteresis(3)(4)(5)
VHYS
0.128
—
1.17
V
Output Low Level
VOL
0
—
0.4
V
IOL = 4 mA
Bus Capacitance
CBUS
—
—
1000
pF
Note: 
1.
Parameters are applicable over the operating range in AT21CS01/11 DC and AC Operating Range,
unless otherwise noted.
2.
Typical values characterized at TA = +25°C unless otherwise noted.
3.
This parameter is characterized but is not 100% tested in production.
4.
VIH, VIL, and VHYS are a function of the internal supply voltage, which is a function of VPUP, RPUP,
CBUS, and timing used. Use of a lower VPUP, higher RPUP, higher CBUS, and shorter tRCV creates
lower VIH, VIL and VHYS values.
5.
Once VIH is crossed on a rising edge of SI/O, the voltage on SI/O must drop at least by VHYS to be
detected as a logic ‘0’.
1.4
AT21CS11 DC Characteristics(1)
Parameter
Symbol
Minimum
Typical(2)
Maximum
Units
Test Conditions
Pull-up Voltage
VPUP
2.7
—
4.5
V
High-Speed
mode
Pull-up Resistance
RPUP
0.2
—
1.8
kΩ
VPUP = 2.7V
0.4
—
5.4
kΩ
VPUP = 4.5V
Active Current, Read
IA1
—
0.08
0.3
mA
VPUP = 4.5V;
SI/O = VPUP
Active Current, Write
IA2
—
0.20
0.5
mA
VPUP = 4.5V
Standby Current
ISB
—
0.6
1.5
µA
VPUP = 2.7V(3);
SI/O = VPUP
—
0.7
3.0
µA
VPUP = 4.5V;
SI/O = VPUP
Input Low Level(3)(4)
VIL
–0.6
—
0.5
V
Input High Level(3)(4)
VIH
VPUP x 0.7
—
VPUP + 0.5
V
SI/O Hysteresis(3)(4)(5)
VHYS
0.128
—
1.4
V
Output Low Level
VOL
0
—
0.4
V
IOL = 4 mA
Bus Capacitance
CBUS
—
—
1000
pF
Note: 
1.
Parameters are applicable over the operating range in AT21CS01/11 DC and AC Operating Range,
unless otherwise noted.
2.
Typical values characterized at TA = +25°C unless otherwise noted.
3.
This parameter is characterized but is not 100% tested in production.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com