Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 29 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 29 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology AT21CS11 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
Figure 7-4. Sequential Read from a Random Read
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 0
Device Address
MSB
x A6 A5 A4 A3 A2 A1 A0
Memory Address
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n)
ACK
by Slave
ACK
by Master
Stop Condition
by Master
Start Condition
by Master
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 1
Device Address
Restart
by Master
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n + x)
Dummy Write
NACK
by Master
0
1
0
0
0
7.4
Read Operations in the Security Register
The Security register can be read by using either a random read or a sequential read operation. Due to
the fact that the EEPROM and Security register share a single Address Pointer register, a “dummy write”
must be performed to correctly set the Address Pointer in the Security register. This is why a random read
or sequential read must be used as these sequences include a “dummy write.” Bits A7 through A5 are
"don’t care" bits as these fall outside the addressable range of the Security register. Current address
reads of the Security register are not supported.
In order to read the Security register, the device address byte must be specified with the opcode 1011b
(Bh) instead of the opcode 1010b (Ah).The Security register can be read to read the 64-bit serial number
or the remaining user-programmable data.
7.4.1
Serial Number Read
The lower eight bytes of the Security register contain a factory-programmed, unique, 64
‑bit serial number.
In order to ensure a unique value, the entire 64-bit serial number must be read starting at Security
register address location 00h. Therefore, it is recommended that a sequential read started with a random
read operation be used, ensuring that the random read sequence uses a device address byte with
opcode 1011b (Bh) specified in addition to the memory address byte being set to 00h.
The first byte read out of the 64-bit serial number is the product identifier (A0h). Following the product
identifier, a 48-bit unique number is contained in bytes 1 through 6. The last byte of the serial number
contains a cyclic redundancy check (CRC) of the other 56 bits. The CRC is generated using the
polynomial X8 + X5 + X4 + 1. The structure of the 64-bit serial number is depicted in Table 7-1.
Table 7-1. 64-Bit Factory-Programmed Serial Number Organization
Byte 0
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
8-bit
Product
Identifier
(A0h)
48-bit Unique Number
8-bit CRC
Value
After all eight bytes of the serial number have been read, the master can return a NACK (logic ‘1’)
response to end the read operation and return the device to the Standby mode. If the master sends an
ACK (logic ‘0’) instead of a NACK, then the next byte (address location 08h) in the Security register will
be output. If the end of the Security register is reached, then the Address Pointer will “roll over” back to
the beginning (address location 00h) of the Security register.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com