Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 27 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 27 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 23Page - Microchip Technology AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
7.
Read Operations
Read operations are initiated in a similar way as write operations with the exception that the Read/Write
select bit in the device address byte must be set to a logic ‘1’. There are multiple read operations
supported by the device:
•
Current Address Read within the EEPROM
•
Random Read within the EEPROM
•
Sequential Read within the EEPROM
•
Read from the Security Register
•
Manufacturer ID Read
Note: 
1.
The AT21CS01/11 contains a single, shared-memory Address Pointer that maintains the
address of the next byte in the EEPROM or Security register to be accessed. For example, if
the last byte read or written was memory location 0Dh of the EEPROM, then the Address
Pointer will be pointing to memory location 0Eh of the EEPROM. As such, when changing
from a read in one region to the other, the first read operation in the new region should begin
with a random read instead of a current address read to ensure the Address Pointer is set to
a known value within the desired region.
If the end of the EEPROM or the Security register is reached, then the Address Pointer will “roll over”
back to the beginning (address 00h) of that region. The Address Pointer retains its value between
operations as long as the pull-up voltage on the SI/O pin is maintained or as long as the device has not
been reset.
7.1
Current Address Read within the EEPROM
The internal Address Pointer must be pointing to a memory location within the EEPROM in order to
perform a current address read from the EEPROM. To initiate the operation, the master must send a Start
condition, followed by the device address byte with the opcode of 1010b (Ah) specified, along with the
appropriate slave address combination and the Read/Write bit set to a logic ‘1’. After the device address
byte has been sent, the AT21CS01/11 will return an ACK (logic ‘0’).
Following the ACK, the device is ready to output one byte (eight bits) of data. The master initiates the all
bits of data by driving the SI/O line low to start. The AT21CS01/11 will hold the line low after the master
releases it to indicate a logic ‘0’. If the data is logic ‘1’, the AT21CS01/11 will not hold the SI/O line low at
all, causing it to be pulled high by the pull-up resistor once the master releases it. This sequence repeats
for eight bits.
After the master has read the first data byte and no further data is desired, the master must return a
NACK (logic ‘1’) response to end the read operation and return the device to the Standby mode. Figure
7-1 depicts this sequence.
If the master would like the subsequent byte, it would return an ACK (logic ‘0’) and the device will be
ready output the next byte in the memory array. Refer to Sequential Read within the EEPROM for details
about continuing to read beyond one byte.
Note: 
1.
If the last operation to the device was an access to the Security register, then a random read should
be performed to ensure that the Address Pointer is set to a known memory location within the
EEPROM.
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com