Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT21CS11 Datasheet(PDF) 28 Page - Microchip Technology

Part # AT21CS11
Description  Single-Wire, I/O Powered 1-Kbit (128 x 8) Serial EEPROM with a Unique, Factory-Programmed 64-Bit Serial Number
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT21CS11 Datasheet(HTML) 28 Page - Microchip Technology

Back Button AT21CS11 Datasheet HTML 24Page - Microchip Technology AT21CS11 Datasheet HTML 25Page - Microchip Technology AT21CS11 Datasheet HTML 26Page - Microchip Technology AT21CS11 Datasheet HTML 27Page - Microchip Technology AT21CS11 Datasheet HTML 28Page - Microchip Technology AT21CS11 Datasheet HTML 29Page - Microchip Technology AT21CS11 Datasheet HTML 30Page - Microchip Technology AT21CS11 Datasheet HTML 31Page - Microchip Technology AT21CS11 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Figure 7-1. Current Address Read
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 1
Device Address
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n)
NACK
by Master
Stop Condition
by Master
Start Condition
by Master
0
1
7.2
Random Read within the EEPROM
A random read begins in the same way as a byte write operation which will load a new EEPROM memory
address into the Address Pointer. However, instead of sending the data byte and Stop condition of the
byte write, a repeated Start condition is sent to the device. This sequence is referred to as a “dummy
write”. After the device address and memory address bytes of the “dummy write” have been sent, the
AT21CS01/11 will return an ACK response. The master can then initiate a current address read,
beginning with a new Start condition, to read data from the EEPROM. Refer to Current Address Read
within the EEPROM for details on how to perform a current address read.
Figure 7-2. Random Read
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 0
Device Address
Dummy Write
MSB
x A6 A5 A4 A3 A2 A1 A0
Memory Address
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n)
ACK
by Slave
NACK
by Master
Stop Condition
by Master
Start Condition
by Master
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 1
Device Address
Restart
by Master
1
0
0
0
7.3
Sequential Read within the EEPROM
Sequential reads start as either a current address read or as a random read. However, instead of the
master sending a NACK (logic ‘1’) response to end a read operation after a single byte of data has been
read, the master sends an ACK (logic ‘0’) to instruct the AT21CS01/11 to output another byte of data. As
long as the device receives an ACK from the master after each byte of data has been output, it will
continue to increment the address counter and output the next byte data from the EEPROM. If the end of
the EEPROM is reached, then the Address Pointer will “roll over” back to the beginning (address 00h) of
the EEPROM region. To end the sequential read operation, the master must send a NACK response after
the device has output a complete byte of data. After the device receives the NACK, it will end the read
operation and return to the Standby mode.
Note: 
1.
If the last operation to the device accessed the Security register, then a random read should be
performed to ensure that the Address Pointer is set to a known memory location within the
EEPROM.
Figure 7-3. Sequential Read from a Current Address Read
SI/O
MSB
ACK
by Slave
1
0
1
0 A2 A1 A0 1
Device Address
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n)
ACK
by Master
MSB
D
D
D
D
D
D
D
D
Data Out Byte (n+x)
NACK
by Master
Stop Conditon
by Master
Start Condition
by Master
0
0
1
AT21CS01/AT21CS11
© 2017 Microchip Technology Inc.
Datasheet
DS20005857A-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com