Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 53Page - STMicroelectronics LSM6DSRTR Datasheet HTML 54Page - STMicroelectronics LSM6DSRTR Datasheet HTML 55Page - STMicroelectronics LSM6DSRTR Datasheet HTML 56Page - STMicroelectronics LSM6DSRTR Datasheet HTML 57Page - STMicroelectronics LSM6DSRTR Datasheet HTML 58Page - STMicroelectronics LSM6DSRTR Datasheet HTML 59Page - STMicroelectronics LSM6DSRTR Datasheet HTML 60Page - STMicroelectronics LSM6DSRTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 168 page
background image
9.21
CTRL7_G (16h)
Control register 7 (r/w)
Table 66. CTRL7_G register
G_HM_
MODE
HP_EN_G
HPM1_G
HPM0_G
0(1)
OIS_ON_EN
USR_OFF_
ON_OUT
OIS_ON
1. This bit must be set to '0' for the correct operation of the device.
G_HM_MODE
Disables high-performance operating mode for gyroscope. Default: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
HP_EN_G
Enables gyroscope digital high-pass filter. The filter is enabled only if the gyro is in HP mode. Default value: 0
(0: HPF disabled; 1: HPF enabled)
HPM_G[1:0]
Gyroscope digital HP filter cutoff selection. Default: 00
(00 = 16 mHz;
01 = 65 mHz;
10 = 260 mHz;
11 = 1.04 Hz)
OIS_ON_EN(1)
Selects how to enable and disable the OIS chain, after first configuration and enabling through SPI2.
(0: OIS chain is enabled/disabled with SPI2 interface;
1: OIS chain is enabled/disabled with primary interface)
USR_OFF_ON_OUT
Enables accelerometer user offset correction block; it's valid for the low-pass path - see Figure 17. Accelerometer
composite filter. Default value: 0
(0: accelerometer user offset correction block bypassed;
1: accelerometer user offset correction block enabled)
OIS_ON
Enables/disables the OIS chain from primary interface when the OIS_ON_EN bit is '1'.
(0: OIS disabled; 1: OIS enabled)
1. First, enabling OIS and OIS configurations must be done through SPI2, with OIS_ON_EN and OIS_ON set to '0'.
LSM6DSR
CTRL7_G (16h)
DS11976 - Rev 2
page 57/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com