Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 93 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 89Page - STMicroelectronics LSM6DSRTR Datasheet HTML 90Page - STMicroelectronics LSM6DSRTR Datasheet HTML 91Page - STMicroelectronics LSM6DSRTR Datasheet HTML 92Page - STMicroelectronics LSM6DSRTR Datasheet HTML 93Page - STMicroelectronics LSM6DSRTR Datasheet HTML 94Page - STMicroelectronics LSM6DSRTR Datasheet HTML 95Page - STMicroelectronics LSM6DSRTR Datasheet HTML 96Page - STMicroelectronics LSM6DSRTR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
11.3
EMB_FUNC_EN_A (04h)
Embedded functions enable register (r/w)
Table 182. EMB_FUNC_EN_A register
0(1)
0(1)
SIGN_
MOTION_EN
TILT_EN
PEDO_EN
0(1)
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 183. EMB_FUNC_EN_A register description
SIGN_MOTION_EN
Enable significant motion detection function. Default value: 0
(0: significant motion detection function disabled;
1: significant motion detection function enabled)
TILT_EN
Enable tilt calculation. Default value: 0
(0: tilt algorithm disabled;
1: tilt algorithm enabled)
PEDO_EN
Enable pedometer algorithm. Default value: 0
(0: pedometer algorithm disabled;
1: pedometer algorithm enabled)
11.4
EMB_FUNC_EN_B (05h)
Embedded functions enable register (r/w)
Table 184. EMB_FUNC_EN_B register
0(1)
0(1)
0(1)
PEDO_
ADV_EN
FIFO_
COMPR_EN
0(1)
0(1)
FSM_EN
1. This bit must be set to '0' for the correct operation of the device.
Table 185. EMB_FUNC_EN_B register description
PEDO_ADV_EN
Enable pedometer false-positive rejection block and advanced detection feature block. Default value: 0
(0: Pedometer advanced features block disabled;
1: Pedometer advanced features block enabled)
FIFO_COMPR_EN(1)
Enable FIFO compression feature. Default value: 0
(0: FIFO compression feature disabled;
1: FIFO compression feature enabled)
FSM_EN
Enable Finite State Machine (FSM) feature. Default value: 0
(0: FSM feature disabled; 1: FSM feature enabled)
1. This bit is effective if the FIFO_COMPR_RT_EN bit of FIFO_CTRL2 (08h) is set to 1.
LSM6DSR
EMB_FUNC_EN_A (04h)
DS11976 - Rev 2
page 93/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com