Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 68 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 64Page - STMicroelectronics LSM6DSRTR Datasheet HTML 65Page - STMicroelectronics LSM6DSRTR Datasheet HTML 66Page - STMicroelectronics LSM6DSRTR Datasheet HTML 67Page - STMicroelectronics LSM6DSRTR Datasheet HTML 68Page - STMicroelectronics LSM6DSRTR Datasheet HTML 69Page - STMicroelectronics LSM6DSRTR Datasheet HTML 70Page - STMicroelectronics LSM6DSRTR Datasheet HTML 71Page - STMicroelectronics LSM6DSRTR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 168 page
background image
9.34
OUTX_L_A (28h) and OUTX_H_A (29h)
Linear acceleration sensor X-axis output register (r). The value is expressed as a 16-bit word in two’s
complement.
If this register is read by the primary interface, data are according to the full-scale and ODR settings (CTRL1_XL
(10h)) of the accelerometer user interface.
If this register is read by the auxiliary interface, data are according to the full-scale and ODR (6.66 kHz) settings of
the OIS (CTRL3_OIS (72h)).
Table 97. OUTX_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 98. OUTX_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 99. OUTX_H_A register description
D[15:0]
X-axis linear acceleration value.
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I²C/MIPI I3CSM: Accelerometer UI chain X-axis output
SPI2: Accelerometer OIS chain X-axis output
9.35
OUTY_L_A (2Ah) and OUTY_H_A (2Bh)
Linear acceleration sensor Y-axis output register (r). The value is expressed as a 16-bit word in two’s
complement.
If this register is read by the primary interface, data are according to the full-scale and ODR settings (CTRL1_XL
(10h)) of the accelerometer user interface.
If this register is read by the auxiliary interface, data are according to the full-scale and ODR (6.66 kHz) settings of
the OIS (CTRL3_OIS (72h)).
Table 100. OUTY_L_A register
D7
D6
D5
D4
D3
D2
D1
D0
Table 101. OUTY_H_A register
D15
D14
D13
D12
D11
D10
D9
D8
Table 102. OUTY_H_A register description
D[15:0]
Y-axis linear acceleration value
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I²C/MIPI I3CSM: Accelerometer UI chain Y-axis output
SPI2: Accelerometer OIS chain Y-axis output
LSM6DSR
OUTX_L_A (28h) and OUTX_H_A (29h)
DS11976 - Rev 2
page 68/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com