Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 76 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 72Page - STMicroelectronics LSM6DSRTR Datasheet HTML 73Page - STMicroelectronics LSM6DSRTR Datasheet HTML 74Page - STMicroelectronics LSM6DSRTR Datasheet HTML 75Page - STMicroelectronics LSM6DSRTR Datasheet HTML 76Page - STMicroelectronics LSM6DSRTR Datasheet HTML 77Page - STMicroelectronics LSM6DSRTR Datasheet HTML 78Page - STMicroelectronics LSM6DSRTR Datasheet HTML 79Page - STMicroelectronics LSM6DSRTR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
9.47
TAP_THS_6D (59h)
Portrait/landscape position and tap function threshold register (r/w)
Table 129. TAP_THS_6D register
D4D_EN
SIXD_THS1
SIXD_THS0
TAP_
THS_Z_4
TAP_
THS_Z_3
TAP_
THS_Z_2
TAP_
THS_Z_1
TAP_
THS_Z_0
Table 130. TAP_THS_6D register description
D4D_EN
Enables detection of 4D orientation. Z-axis position detection is disabled. Default value: 0
(0: disabled; 1: enabled)
SIXD_THS[1:0]
Threshold for 4D/6D function:
(00: 80 degrees (default);
01: 70 degrees;
10: 60 degrees;
11: 50 degrees)
TAP_THS_Z_[4:0]
Z-axis recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
9.48
INT_DUR2 (5Ah)
Tap recognition function setting register (r/w)
Table 131. INT_DUR2 register
DUR3
DUR2
DUR1
DUR0
QUIET1
QUIET0
SHOCK1
SHOCK0
Table 132. INT_DUR2 register description
DUR[3:0]
Duration of maximum time gap for double-tap recognition. Default: 0000
When double-tap recognition is enabled, this register expresses the maximum time between two consecutive
detected taps to determine a double-tap event. The default value of these bits is 0000b which corresponds to
16/ODR_XL time. If the DUR[3:0] bits are set to a different value, 1LSB corresponds to 32/ODR_XL time.
QUIET[1:0]
Expected quiet time after a tap detection. Default value: 00
Quiet time is the time after the first detected tap in which there must not be any overthreshold event. The default
value of these bits is 00b which corresponds to 2/ODR_XL time. If the QUIET[1:0] bits are set to a different
value, 1LSB corresponds to 4/ODR_XL time.
SHOCK[1:0]
Maximum duration of overthreshold event. Default value: 00
Maximum duration is the maximum time of an overthreshold signal detection to be recognized as a tap event.
The default value of these bits is 00b which corresponds to 4/ODR_XL time. If the SHOCK[1:0] bits are set to a
different value, 1LSB corresponds to 8/ODR_XL time.
LSM6DSR
TAP_THS_6D (59h)
DS11976 - Rev 2
page 76/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com