Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 57Page - STMicroelectronics LSM6DSRTR Datasheet HTML 58Page - STMicroelectronics LSM6DSRTR Datasheet HTML 59Page - STMicroelectronics LSM6DSRTR Datasheet HTML 60Page - STMicroelectronics LSM6DSRTR Datasheet HTML 61Page - STMicroelectronics LSM6DSRTR Datasheet HTML 62Page - STMicroelectronics LSM6DSRTR Datasheet HTML 63Page - STMicroelectronics LSM6DSRTR Datasheet HTML 64Page - STMicroelectronics LSM6DSRTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
9.25
ALL_INT_SRC (1A)
Source register for all interrupts (r)
Table 73. ALL_INT_SRC register
TIMESTAMP
_ENDCOUNT
0
SLEEP_
CHANGE_IA
D6D_IA
DOUBLE_
TAP
SINGLE_
TAP
WU_IA
FF_IA
Table 74. ALL_INT_SRC register description
TIMESTAMP_ENDCOUNT Alerts timestamp overflow within 6.4 ms
SLEEP_CHANGE_IA
Detects change event in activity/inactivity status. Default value: 0
(0: change status not detected; 1: change status detected)
D6D_IA
Interrupt active for change in position of portrait, landscape, face-up, face-down. Default value: 0
(0: change in position not detected; 1: change in position detected)
DOUBLE_TAP
Double-tap event status. Default value: 0
(0:event not detected, 1: event detected)
SINGLE_TAP
Single-tap event status. Default value:0
(0: event not detected, 1: event detected)
WU_IA
Wake-up event status. Default value: 0
(0: event not detected, 1: event detected)
FF_IA
Free-fall event status. Default value: 0
(0: event not detected, 1: event detected)
LSM6DSR
ALL_INT_SRC (1A)
DS11976 - Rev 2
page 61/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com