Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 75 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 71Page - STMicroelectronics LSM6DSRTR Datasheet HTML 72Page - STMicroelectronics LSM6DSRTR Datasheet HTML 73Page - STMicroelectronics LSM6DSRTR Datasheet HTML 74Page - STMicroelectronics LSM6DSRTR Datasheet HTML 75Page - STMicroelectronics LSM6DSRTR Datasheet HTML 76Page - STMicroelectronics LSM6DSRTR Datasheet HTML 77Page - STMicroelectronics LSM6DSRTR Datasheet HTML 78Page - STMicroelectronics LSM6DSRTR Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 168 page
background image
9.45
TAP_CFG1 (57h)
Tap configuration register (r/w)
Table 124. TAP_CFG1 register
TAP_
PRIORITY_2
TAP_
PRIORITY_1
TAP_
PRIORITY_0
TAP_
THS_X_4
TAP_
THS_X_3
TAP_
THS_X_2
TAP_
THS_X_1
TAP_
THS_X_0
Table 125. TAP_CFG1 register description
TAP_PRIORITY_[2:0]
Selection of axis priority for TAP detection (see Table 126)
TAP_THS_X_[4:0]
X-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
Table 126. TAP priority decoding
TAP_PRIORITY_[2:0]
Max. priority
Mid. priority
Min. priority
000
X
Y
Z
001
Y
X
Z
010
X
Z
Y
011
Z
Y
X
100
X
Y
Z
101
Y
Z
X
110
Z
X
Y
111
Z
Y
X
9.46
TAP_CFG2 (58h)
Enables interrupt and inactivity functions, and tap recognition functions (r/w)
Table 127. TAP_CFG2 register
INTERRUPTS
_ENABLE
INACT_EN1
INACT_EN0
TAP_
THS_Y_4
TAP_
THS_Y_3
TAP_
THS_Y_2
TAP_
THS_Y_1
TAP_
THS_Y_0
Table 128. TAP_CFG2 register description
INTERRUPTS_ENABLE
Enable basic interrupts (6D/4D, free-fall, wake-up, tap, inactivity). Default value: 0
(0: interrupt disabled; 1: interrupt enabled)
INACT_EN[1:0]
Enable activity/inactivity (sleep) function. Default value: 00
(00: stationary/motion-only interrupts generated, XL and gyro do not change;
01: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro does not change;
10: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to sleep mode;
11: sets accelerometer ODR to 12.5 Hz (low-power mode), gyro to power-down mode)
TAP_THS_Y_[4:0]
Y-axis tap recognition threshold. Default value: 0
1 LSB = FS_XL / (25)
LSM6DSR
TAP_CFG1 (57h)
DS11976 - Rev 2
page 75/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com