Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 95 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 91Page - STMicroelectronics LSM6DSRTR Datasheet HTML 92Page - STMicroelectronics LSM6DSRTR Datasheet HTML 93Page - STMicroelectronics LSM6DSRTR Datasheet HTML 94Page - STMicroelectronics LSM6DSRTR Datasheet HTML 95Page - STMicroelectronics LSM6DSRTR Datasheet HTML 96Page - STMicroelectronics LSM6DSRTR Datasheet HTML 97Page - STMicroelectronics LSM6DSRTR Datasheet HTML 98Page - STMicroelectronics LSM6DSRTR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
11.7
EMB_FUNC_INT1 (0Ah)
INT1 pin control register (r/w)
Each bit in this register enables a signal to be carried over INT1. The pin's output will supply the OR combination
of the selected signals.
Table 190. EMB_FUNC_INT1 register
INT1_
FSM_LC
0(1)
INT1_
SIG_MOT
INT1_TILT
INT1_STEP_
DETECTOR
0(1)
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 191. EMB_FUNC_INT1 register description
INT1_FSM_LC(1)
Routing of FSM long counter timeout interrupt event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_SIG_MOT(1)
Routing of significant motion event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_TILT(1)
Routing of tilt event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
INT1_STEP_DETECTOR(1)
Routing of pedometer step recognition event on INT1. Default value: 0
(0: routing on INT1 disabled; 1: routing on INT1 enabled)
1. This bit is effective if the INT1_EMB_FUNC bit of MD1_CFG (5Eh) is set to 1.
LSM6DSR
EMB_FUNC_INT1 (0Ah)
DS11976 - Rev 2
page 95/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com