Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 88 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 88 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 84Page - STMicroelectronics LSM6DSRTR Datasheet HTML 85Page - STMicroelectronics LSM6DSRTR Datasheet HTML 86Page - STMicroelectronics LSM6DSRTR Datasheet HTML 87Page - STMicroelectronics LSM6DSRTR Datasheet HTML 88Page - STMicroelectronics LSM6DSRTR Datasheet HTML 89Page - STMicroelectronics LSM6DSRTR Datasheet HTML 90Page - STMicroelectronics LSM6DSRTR Datasheet HTML 91Page - STMicroelectronics LSM6DSRTR Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 168 page
background image
9.65
FIFO_DATA_OUT_TAG (78h)
FIFO tag register (r)
Table 168. FIFO_DATA_OUT_TAG register
TAG_
SENSOR_4
TAG_
SENSOR_3
TAG_
SENSOR_2
TAG_
SENSOR_1
TAG_
SENSOR_0
TAG_CNT_1
TAG_CNT_0
TAG_
PARITY
Table 169. FIFO_DATA_OUT_TAG register description
TAG_SENSOR_[4:0]
Identifies the sensor in:
FIFO_DATA_OUT_X_L (79h) and FIFO_DATA_OUT_X_H (7Ah), FIFO_DATA_OUT_Y_L (7Bh) and
FIFO_DATA_OUT_Y_H (7Ch), and FIFO_DATA_OUT_Z_L (7Dh) and FIFO_DATA_OUT_Z_H (7Eh)
For details, refer to Table 170. FIFO tag
TAG_CNT_[1:0]
2-bit counter which identifies sensor time slot
TAG_PARITY
Parity check of TAG content
Table 170. FIFO tag
TAG_SENSOR_[4:0]
Sensor name
0x01
Gyroscope NC
0x02
Accelerometer NC
0x03
Temperature
0x04
Timestamp
0x05
CFG_Change
0x06
Accelerometer NC_T_2
0x07
Accelerometer NC_T_1
0x08
Accelerometer 2xC
0x09
Accelerometer 3xC
0x0A
Gyroscope NC_T_2
0x0B
Gyroscope NC_T_1
0x0C
Gyroscope 2xC
0x0D
Gyroscope 3xC
0x0E
Sensor Hub Slave 0
0x0F
Sensor Hub Slave 1
0x10
Sensor Hub Slave 2
0x11
Sensor Hub Slave 3
0x12
Step Counter
0x19
Sensor Hub Nack
LSM6DSR
FIFO_DATA_OUT_TAG (78h)
DS11976 - Rev 2
page 88/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com