Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 39Page - STMicroelectronics LSM6DSRTR Datasheet HTML 40Page - STMicroelectronics LSM6DSRTR Datasheet HTML 41Page - STMicroelectronics LSM6DSRTR Datasheet HTML 42Page - STMicroelectronics LSM6DSRTR Datasheet HTML 43Page - STMicroelectronics LSM6DSRTR Datasheet HTML 44Page - STMicroelectronics LSM6DSRTR Datasheet HTML 45Page - STMicroelectronics LSM6DSRTR Datasheet HTML 46Page - STMicroelectronics LSM6DSRTR Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 168 page
background image
9
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration,
angular rate and temperature data. The register addresses, made up of 7 bits, are used to identify them and to
write the data through the serial interface.
9.1
FUNC_CFG_ACCESS (01h)
Enable embedded functions register (r/w)
Table 21. FUNC_CFG_ACCESS register
FUNC_CFG_
ACCESS
SHUB_REG_
ACCESS
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
1. This bit must be set to '0' for the correct operation of the device.
Table 22. FUNC_CFG_ACCESS register description
FUNC_CFG_ACCESS
Enable access to the embedded functions configuration registers.
Default value: 0(1)
SHUB_REG_ACCESS
Enable access to the sensor hub (I²C master) registers.
Default value: 0(2)
1. Details concerning the embedded functions configuration registers are available in Section 10 Embedded functions register
mapping and Section 11 Embedded functions register description.
2. Details concerning the sensor hub registers are available in Section 14 Sensor hub register mapping and
Section 15 Sensor hub register description.
9.2
PIN_CTRL (02h)
SDO, OCS_AUX, SDO_AUX pins pull-up enable/disable register (r/w)
Table 23. PIN_CTRL register
OIS_
PU_DIS
SDO_
PU_EN
1(1)
1(1)
1(1)
1(1)
1(1)
1(1)
1. This bit must be set to '1' for the correct operation of the device.
Table 24. PIN_CTRL register description
OIS_PU_DIS
Disable pull-up on both OCS_Aux and SDO_Aux pins. Default value: 0
(0: OCS_Aux and SDO_Aux pins with pull-up;
1: OCS_Aux and SDO_Aux pins pull-up disconnected)
SDO_PU_EN
Enable pull-up on SDO pin. Default value: 0
(0: SDO pin pull-up disconnected (default); 1: SDO pin with pull-up)
LSM6DSR
Register description
DS11976 - Rev 2
page 43/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com