Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 19Page - STMicroelectronics LSM6DSRTR Datasheet HTML 20Page - STMicroelectronics LSM6DSRTR Datasheet HTML 21Page - STMicroelectronics LSM6DSRTR Datasheet HTML 22Page - STMicroelectronics LSM6DSRTR Datasheet HTML 23Page - STMicroelectronics LSM6DSRTR Datasheet HTML 24Page - STMicroelectronics LSM6DSRTR Datasheet HTML 25Page - STMicroelectronics LSM6DSRTR Datasheet HTML 26Page - STMicroelectronics LSM6DSRTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
5.2
MIPI I3CSM interface
5.2.1
MIPI I3CSM slave interface
The LSM6DSR interface includes a MIPI I3CSM SDR only slave interface (compliant with release 1.0 of the
specification) with MIPI I3CSM SDR embedded features:
•
CCC command
•
Direct CCC communication (SET and GET)
•
Broadcast CCC communication
•
Private communications
•
Private read and write for single byte
•
Multiple read and write
•
In-Band Interrupt request
•
Error Detection and Recovery Methods (S0-S6)
Note: Refer to Section 5.3 I²C/I3C coexistence in LSM6DSR for details concerning the choice of the interface
when powering up the device.
5.2.2
MIPI I3CSM CCC supported commands
The list of MIPI I3CSM CCC commands supported by the device is detailed in the following table.
Table 15. MIPI I3CSM CCC commands
Command
Command code
Default Description
ENTDAA
0x07
DAA procedure
SETDASA
0x87
Assign Dynamic Address using Static Address 0x6B/0x6A depending on SDO pin
ENEC
0x80 / 0x00
Slave activity control (direct and broadcast)
DISEC
0x81/ 0x01
Slave activity control (direct and broadcast)
ENTAS0
0x82 / 0x02
Enter activity state (direct and broadcast)
ENTAS1
0x83 / 0x03
Enter activity state (direct and broadcast)
ENTAS2
0x84 / 0x04
Enter activity state (direct and broadcast)
ENTAS3
0x85 / 0x05
Enter activity state (direct and broadcast)
SETXTIME
0x98 / 0x28
Timing information exchange
GETXTIME
0x99
0x07
0x00
0x05
0x92
Timing information exchange
RSTDAA
0x86 / 0x06
Reset the assigned dynamic address (direct and broadcast)
SETMWL
0x89 / 0x08
Define maximum write length during private write (direct and broadcast)
SETMRL
0x8A / 0x09
Define maximum read length during private read (direct and broadcast)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
(2 byte)
Get maximum write length during private write
GETMRL
0x8C
0x00
0x10
0x09
Get maximum read length during private read
LSM6DSR
MIPI I3CSM interface
DS11976 - Rev 2
page 23/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com