Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 21Page - STMicroelectronics LSM6DSRTR Datasheet HTML 22Page - STMicroelectronics LSM6DSRTR Datasheet HTML 23Page - STMicroelectronics LSM6DSRTR Datasheet HTML 24Page - STMicroelectronics LSM6DSRTR Datasheet HTML 25Page - STMicroelectronics LSM6DSRTR Datasheet HTML 26Page - STMicroelectronics LSM6DSRTR Datasheet HTML 27Page - STMicroelectronics LSM6DSRTR Datasheet HTML 28Page - STMicroelectronics LSM6DSRTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 168 page
background image
5.3
I²C/I3C coexistence in LSM6DSR
In the LSM6DSR, the SDA and SCL lines are common to both I²C and I3C. The I²C bus requires anti-spike filters
on the SDA and SCL pins that are not compatible with I3C timing.
The device can be connected to both I²C and I3C or only to the I3C bus depending on the connection of the INT1
pin when the device is powered up:
•
INT1 pin floating (internal pull-down): I²C/I3C both active, see Figure 13
•
INT1 pin connected to Vdd_IO: only I3C active, see Figure 14
Figure 13. I²C and I3C both active (INT1 pin not connected)
I²C/I3C
(both active)
Master sends
I²C r/w
I²C bus case
Slave performs
requested r/w
Master assigns DA
to the slave(1)
I3C bus case
I3C private R/W with and without 7Eh
CCC commands
Slave event management
Error detection and recovery
Master resets
DA
INT1 pin not connected
I²C/I3C both active
1.
Address assignment (DAA or ENTDA) must be performed with I²C Fast Mode Plus Timing. When the slave
is addressed, the I²C slave is disabled and the timing is compatible with I3C specifications.
Figure 14. Only I3C active (INT1 pin connected to Vdd_IO)
I²C/I3C
I3C bus case
Dynamic
Address
Assignment
Master resets
DA
I3C private R/W with and without 7Eh
CCC commands
Slave event management
Error detection and recovery
(1)
INT1 pin connected to Vdd_IO
Only I3C active
1.
When the slave is I3C only, the I²C slave is always disabled. The address can be assigned using I3C SDR
timing.
LSM6DSR
I²C/I3C coexistence in LSM6DSR
DS11976 - Rev 2
page 25/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com