Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 25Page - STMicroelectronics LSM6DSRTR Datasheet HTML 26Page - STMicroelectronics LSM6DSRTR Datasheet HTML 27Page - STMicroelectronics LSM6DSRTR Datasheet HTML 28Page - STMicroelectronics LSM6DSRTR Datasheet HTML 29Page - STMicroelectronics LSM6DSRTR Datasheet HTML 30Page - STMicroelectronics LSM6DSRTR Datasheet HTML 31Page - STMicroelectronics LSM6DSRTR Datasheet HTML 32Page - STMicroelectronics LSM6DSRTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 168 page
background image
Figure 18. Accelerometer chain with Mode 4 enabled
Digital
LP Filter
LPF_OIS
FILTER_XL_CONF_OIS[2:0]
ADC
SPI_Aux
ODR XL
@6.6 kHz
UI chain
Note: Mode 4 is enabled when Mode4_EN = 1 and OIS_EN_SPI2 = 1 in CTRL1_OIS (70h).
The configuration of the accelerometer UI chain is not affected by enabling Mode 4.
Accelerometer output values are in registers OUTX_L_A (28h) and OUTX_H_A (29h) through OUTZ_L_A (2Ch)
and OUTZ_H_A (2Dh) and ODR at 6.66 kHz.
6.4.2
Block diagrams of the gyroscope filters
In the LSM6DSR, the gyroscope filtering chain depends on the mode configuration:
•
Mode 1 (for User Interface (UI) and Electronic Image Stabilization (EIS) functionality through primary
interface) and Mode 2
Figure 19. Gyroscope digital chain - Mode 1 (UI/EIS) and Mode 2
ADC
HPF
HP_EN_G
LPF1
LPF2
LPF1_SEL_G
SPI /
I2C /
FIFO
FTYPE [2:0]
0
1
0
1
ODR_G[3:0]
MIPI I3CSM
FSM
In this configuration, the gyroscope ODR is selectable from 12.5 Hz up to 6.66 kHz. A low-pass filter (LPF1) is
available if the auxiliary SPI is disabled, for more details about the filter characteristics see Table 65. Gyroscope
LPF1 bandwidth selection.
The digital LPF2 filter cannot be configured by the user and its cutoff frequency depends on the selected
gyroscope ODR, as indicated in the following table.
LSM6DSR
Block diagram of filters
DS11976 - Rev 2
page 29/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com