Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 24Page - STMicroelectronics LSM6DSRTR Datasheet HTML 25Page - STMicroelectronics LSM6DSRTR Datasheet HTML 26Page - STMicroelectronics LSM6DSRTR Datasheet HTML 27Page - STMicroelectronics LSM6DSRTR Datasheet HTML 28Page - STMicroelectronics LSM6DSRTR Datasheet HTML 29Page - STMicroelectronics LSM6DSRTR Datasheet HTML 30Page - STMicroelectronics LSM6DSRTR Datasheet HTML 31Page - STMicroelectronics LSM6DSRTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 168 page
background image
6.4.1
Block diagrams of the accelerometer filters
In the LSM6DSR, the filtering chain for the accelerometer part is composed of the following:
Digital filter (LPF1)
Composite filter
Details of the block diagram appear in the following figure.
Figure 16. Accelerometer UI chain
ADC
Digital
LP Filter
ODR_XL[3:0]
Composite
Filter
LPF1
Figure 17. Accelerometer composite filter
SLOPE
FILTER
HPCF_XL[2:0]
000
001
010
111
SPI /
I2C /
1
0
HP_SLOPE_XL_EN
LPF2_XL_EN
0
1
Digital
HP Filter
HPCF_XL[2:0]
Digital
LP Filter
LPF2
HPCF_XL[2:0]
S/D Tap
6D / 4D
0
1
LOW_PASS_ON_6D
1
0
SLOPE_FDS
Wake-up
Activity /
Inactivity
Free-fall
Advanced
functions
FIFO
USER
OFFSET
0
1
USR_OFF_ON_OUT
USR_OFF_W
OFS_USR[7:0]
1
0
USR_OFF_ON_WU
LPF1
output(1)
MIPI I3CSM
1.
The cutoff value of the LPF1 output is ODR/2 when the accelerometer is in high-performance mode and
ODR up to 833 Hz. This value is equal to 780 Hz when the accelerometer is in low-power or normal mode.
Note: Advanced functions include pedometer, step detector and step counter, significant motion detection, tilt
function and Finite State Machine.
The accelerometer filtering chain when Mode 4 is enabled is illustrated in the following figure.
LSM6DSR
Block diagram of filters
DS11976 - Rev 2
page 28/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com