Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 38Page - STMicroelectronics LSM6DSRTR Datasheet HTML 39Page - STMicroelectronics LSM6DSRTR Datasheet HTML 40Page - STMicroelectronics LSM6DSRTR Datasheet HTML 41Page - STMicroelectronics LSM6DSRTR Datasheet HTML 42Page - STMicroelectronics LSM6DSRTR Datasheet HTML 43Page - STMicroelectronics LSM6DSRTR Datasheet HTML 44Page - STMicroelectronics LSM6DSRTR Datasheet HTML 45Page - STMicroelectronics LSM6DSRTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 168 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
INTERNAL_FREQ_FINE
R
63
01100011
output
RESERVED
-
64-6E
INT_OIS
R
6F
01101111
00000000
RW (SPI2)
CTRL1_OIS
R
70
01110000
00000000
RW (SPI2)
CTRL2_OIS
R
71
01110001
00000000
RW (SPI2)
CTRL3_OIS
R
72
01110010
00000000
RW (SPI2)
X_OFS_USR
RW
73
01110011
00000000
Y_OFS_USR
RW
74
01110100
00000000
Z_OFS_USR
RW
75
01110101
00000000
RESERVED
-
76-77
FIFO_DATA_OUT_TAG
R
78
01111000
output
FIFO_DATA_OUT_X_L
R
79
01111001
output
FIFO_DATA_OUT_X_H
R
7A
01111010
output
FIFO_DATA_OUT_Y_L
R
7B
01111011
output
FIFO_DATA_OUT_Y_H
R
7C
01111100
output
FIFO_DATA_OUT_Z_L
R
7D
01111101
output
FIFO_DATA_OUT_Z_H
R
7E
01111110
output
1. This register status is read using the primary interface for user interface data.
2. This register status is read using the auxiliary SPI for OIS data.
LSM6DSR
Register mapping
DS11976 - Rev 2
page 42/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com