Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 34Page - STMicroelectronics LSM6DSRTR Datasheet HTML 35Page - STMicroelectronics LSM6DSRTR Datasheet HTML 36Page - STMicroelectronics LSM6DSRTR Datasheet HTML 37Page - STMicroelectronics LSM6DSRTR Datasheet HTML 38Page - STMicroelectronics LSM6DSRTR Datasheet HTML 39Page - STMicroelectronics LSM6DSRTR Datasheet HTML 40Page - STMicroelectronics LSM6DSRTR Datasheet HTML 41Page - STMicroelectronics LSM6DSRTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 168 page
background image
Table 19. Internal pin status
pin#
Name
Mode 1 function
Mode 2 function
Mode 3 / Mode 4 function
Pin status Mode 1
Pin status Mode 2
Pin status Mode 3/4 (1)
1
SDO
SPI 4-wire interface serial
data output (SDO)
SPI 4-wire interface serial
data output (SDO)
SPI 4-wire interface serial
data output (SDO)
Default: input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in reg 02h.
Default: input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in reg 02h.
Default: Input without pull-up.
Pull-up is enabled if bit
SDO_PU_EN = 1 in reg 02h.
SA0
I²C least significant bit of
the device address (SA0)
MIPI I3CSM least significant
bit of the static address
(SA0)
I²C least significant bit of
the device address (SA0)
MIPI I3CSM least significant
bit of the static address
(SA0)
I²C least significant bit of
the device address (SA0)
MIPI I3CSM least significant
bit of the static address
(SA0)
2
SDx
Connect to Vdd_IO or GND
I²C serial data master
(MSDA)
Auxiliary SPI 3/4-wire
interface serial data input
(SDI) and SPI 3-wire serial
data output (SDO)
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up).
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up).
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up).
3
SCx
Connect to Vdd_IO or GND
I²C serial clock master
(MSCL)
Auxiliary SPI 3/4-wire
interface serial port clock
(SPC_Aux)
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up).
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up).
Default: input without pull-up.
Pull-up is enabled if bit
SHUB_PU_EN = 1 in reg 14h in
sensor hub registers (see Note to
enable pull-up)
4
INT1
Programmable interrupt 1 /
If device is used as MIPI
I3CSM pure slave, this pin
must be set to ‘1’.
Programmable interrupt 1 /
If device is used as MIPI
I3CSM pure slave, this pin
must be set to ‘1’.
Programmable interrupt 1 /
If device is used as MIPI
I3CSM pure slave, this pin
must be set to ‘1’.
Default: input with pull-down(2)
Default: input with pull-down(2)
Default: input with pull-down(2)
5
Vdd_IO
Power supply for I/O pins
Power supply for I/O pins
Power supply for I/O pins
6
GND
0 V supply
0 V supply
0 V supply
7
GND
0 V supply
0 V supply
0 V supply
8
Vdd
Power supply
Power supply
Power supply
9
INT2
Programmable interrupt 2
(INT2) / Data enabled
(DEN)
Programmable interrupt 2
(INT2) / Data enabled
(DEN) / I²C master external
synchronization signal
(MDRDY)
Programmable interrupt 2
(INT2) / Data enabled
(DEN)
Default: output forced to ground
Default: output forced to ground
Default: output forced to ground
10
OCS_Aux
Leave unconnected
Leave unconnected
Auxiliary SPI 3/4-wire
interface enabled
Default: input with pull-up.
Pull-up is disabled if bit
OIS_PU_DIS = 1 in reg 02h.
Default: input with pull-up.
Pull-up is disabled if bit
OIS_PU_DIS = 1 in reg 02h.
Default: input without pull-up
(regardless of the value of bit
OIS_PU_DIS in reg 02h.)
11
SDO_Aux
Connect to Vdd_IO or
leave unconnected
Connect to Vdd_IO or
leave unconnected
Auxiliary SPI 3-
wire interface: leave
unconnected / Auxiliary SPI
4-wire interface: serial data
output (SDO_Aux)
Default: input with pull-up.
Pull-up is disabled if bit
OIS_PU_DIS = 1 in reg 02h.
Default: input with pull-up.
Pull-up is disabled if bit
OIS_PU_DIS = 1 in reg 02h.
Default: input without pull-up.
Pull-up is enabled if bit SIM_OIS = 1
(Aux_SPI 3-wire) in reg 70h and bit
OIS_PU_DIS = 0 in reg 02h.
12
CS
I²C/SPI mode selection
(1:SPI idle mode / I²C
communication enabled;
0: SPI communication
mode / I²C disabled)
I²C/SPI mode selection
(1:SPI idle mode / I²C
communication enabled;
0: SPI communication
mode / I²C disabled)
I²C/SPI mode selection
(1:SPI idle mode / I²C
communication enabled;
0: SPI communication
mode / I²C disabled)
Default: input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1 in reg 13h and
I3C_disable = 1 in reg 18h.
Default: input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1 in reg 13h and
I3C_disable = 1 in reg 18h.
Default: input with pull-up.
Pull-up is disabled if bit
I2C_disable = 1 in reg 13h and
I3C_disable = 1 in reg 18h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com