Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 67 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 63Page - STMicroelectronics LSM6DSRTR Datasheet HTML 64Page - STMicroelectronics LSM6DSRTR Datasheet HTML 65Page - STMicroelectronics LSM6DSRTR Datasheet HTML 66Page - STMicroelectronics LSM6DSRTR Datasheet HTML 67Page - STMicroelectronics LSM6DSRTR Datasheet HTML 68Page - STMicroelectronics LSM6DSRTR Datasheet HTML 69Page - STMicroelectronics LSM6DSRTR Datasheet HTML 70Page - STMicroelectronics LSM6DSRTR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 168 page
background image
9.32
OUTY_L_G (24h) and OUTY_H_G (25h)
Angular rate sensor roll axis (Y) angular rate output register (r). The value is expressed as a 16-bit word in two’s
complement.
If this register is read by the primary interface, data are according to the full scale and ODR settings (CTRL2_G
(11h)) of the gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale and ODR (6.66 kHz) settings of
the OIS gyro.
.
Table 91. OUTY_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 92. OUTY_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 93. OUTY_H_G register description
D[15:0]
Roll axis (Y) angular rate value
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I²C/MIPI I3CSM: Gyro UI chain roll axis output
SPI2: Gyro OIS chain roll axis output
9.33
OUTZ_L_G (26h) and OUTZ_H_G (27h)
Angular rate sensor yaw axis (Z) angular rate output register (r). The value is expressed as a 16-bit word in two’s
complement.
If this register is read by the primary interface, data are according to the full scale and ODR settings (CTRL2_G
(11h)) of the gyro user interface.
If this register is read by the auxiliary interface, data are according to the full scale and ODR (6.66 kHz) settings of
the OIS gyro.
Table 94. OUTZ_L_G register
D7
D6
D5
D4
D3
D2
D1
D0
Table 95. OUTZ_H_G register
D15
D14
D13
D12
D11
D10
D9
D8
Table 96. OUTZ_H_G register description
D[15:0]
Yaw axis (Z) angular rate value
D[15:0] expressed in two’s complement and its value depends on the interface used:
SPI1/I²C/MIPI I3CSM: Gyro UI chain yaw axis output
SPI2: Gyro OIS chain yaw axis output
LSM6DSR
OUTY_L_G (24h) and OUTY_H_G (25h)
DS11976 - Rev 2
page 67/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com