Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 37Page - STMicroelectronics LSM6DSRTR Datasheet HTML 38Page - STMicroelectronics LSM6DSRTR Datasheet HTML 39Page - STMicroelectronics LSM6DSRTR Datasheet HTML 40Page - STMicroelectronics LSM6DSRTR Datasheet HTML 41Page - STMicroelectronics LSM6DSRTR Datasheet HTML 42Page - STMicroelectronics LSM6DSRTR Datasheet HTML 43Page - STMicroelectronics LSM6DSRTR Datasheet HTML 44Page - STMicroelectronics LSM6DSRTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 168 page
background image
Name
Type
Register address
Default
Comment
Hex
Binary
OUTX_L_G
R
22
00100010
output
OUTX_H_G
R
23
00100011
output
OUTY_L_G
R
24
00100100
output
OUTY_H_G
R
25
00100101
output
OUTZ_L_G
R
26
00100110
output
OUTZ_H_G
R
27
00100111
output
OUTX_L_A
R
28
00101000
output
OUTX_H_A
R
29
00101001
output
OUTY_L_A
R
2A
00101010
output
OUTY_H_A
R
2B
00101011
output
OUTZ_L_A
R
2C
00101100
output
OUTZ_H_A
R
2D
00101101
output
RESERVED
-
2E-34
EMB_FUNC_STATUS_MAINPAGE
R
35
00110101
output
FSM_STATUS_A_MAINPAGE
R
36
00110110
output
FSM_STATUS_B_MAINPAGE
R
37
00110111
output
RESERVED
-
38
00111000
STATUS_MASTER_MAINPAGE
R
39
00111001
output
FIFO_STATUS1
R
3A
00111010
output
FIFO_STATUS2
R
3B
00111011
output
RESERVED
-
3C-3F
TIMESTAMP0
R
40
01000000
output
R (SPI2)
TIMESTAMP1
R
41
01000001
output
R (SPI2)
TIMESTAMP2
R
42
01000010
output
R (SPI2)
TIMESTAMP3
R
43
01000011
output
R (SPI2)
RESERVED
-
44-55
TAP_CFG0
RW
56
01010110
00000000
TAP_CFG1
RW
57
01010111
00000000
TAP_CFG2
RW
58
01011000
00000000
TAP_THS_6D
RW
59
01011001
00000000
INT_DUR2
RW
5A
01011010
00000000
WAKE_UP_THS
RW
5B
01011011
00000000
WAKE_UP_DUR
RW
5C
01011100
00000000
FREE_FALL
RW
5D
01011101
00000000
MD1_CFG
RW
5E
01011110
00000000
MD2_CFG
RW
5F
01011111
00000000
S4S_ST_CMD_CODE
RW
60
01100000
00000000
S4S_DT_REG
RW
61
01100001
00000000
I3C_BUS_AVB
RW
62
01100010
00000000
LSM6DSR
Register mapping
DS11976 - Rev 2
page 41/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com