Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSRTR Datasheet(PDF) 84 Page - STMicroelectronics

Part # LSM6DSRTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSRTR Datasheet(HTML) 84 Page - STMicroelectronics

Back Button LSM6DSRTR Datasheet HTML 80Page - STMicroelectronics LSM6DSRTR Datasheet HTML 81Page - STMicroelectronics LSM6DSRTR Datasheet HTML 82Page - STMicroelectronics LSM6DSRTR Datasheet HTML 83Page - STMicroelectronics LSM6DSRTR Datasheet HTML 84Page - STMicroelectronics LSM6DSRTR Datasheet HTML 85Page - STMicroelectronics LSM6DSRTR Datasheet HTML 86Page - STMicroelectronics LSM6DSRTR Datasheet HTML 87Page - STMicroelectronics LSM6DSRTR Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 168 page
background image
9.59
CTRL1_OIS (70h)
OIS configuration register. Primary interface for read-only (r); only Aux SPI can write to this register (r/w).
Table 153. CTRL1_OIS register
0(1)
LVL1_OIS
SIM_OIS
Mode4_EN
FS1_G_OIS
FS0_G_OIS
FS_125_OIS
OIS_EN_SPI2
1. This bit must be set to '0' for the correct operation of the device.
Table 154. CTRL1_OIS register description
LVL1_OIS
Enables level-sensitive trigger mode on OIS chain. Default value: 0
SIM_OIS
SPI2 3- or 4-wire interface. Default value: 0
(0: 4-wire SPI2;
1: 3-wire SPI2)
Mode4_EN
Enables accelerometer OIS chain. OIS outputs are available through SPI2 in registers OUTX_L_A (28h) and
OUTX_H_A (29h) - OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh).
Note: OIS_EN_SPI2 must be enabled (i.e. set to ‘1’) to enable also XL OIS chain.
FS[1:0]_G_OIS
Selects gyroscope OIS chain full-scale
(00: ±250 dps;
01: ±500 dps;
10: ±1000 dps;
11: ±2000 dps)
FS_125_OIS
Selects gyroscope OIS chain full-scale ±125 dps
(0: FS selected through bits FS[1:0]_OIS_G;
1: ±125 dps)
OIS_EN_SPI2
Enables OIS chain data processing for gyro in Mode 3 and Mode 4 (mode4_en = 1) and accelerometer data
in Mode 4 (mode4_en = 1).
When the OIS chain is enabled, the OIS outputs are available through the SPI2 in registers OUTX_L_G
(22h) and OUTX_H_G (23h) through OUTZ_L_A (2Ch) and OUTZ_H_A (2Dh) and STATUS_REG (1Eh) /
STATUS_SPIAux (1Eh), and LPF1 is dedicated to this chain.
DEN mode selection can be done using the LVL1_OIS bit of register CTRL1_OIS (70h) and the LVL2_OIS bit of
register INT_OIS (6Fh).
DEN mode on the OIS path is active in the gyroscope only.
Table 155. DEN mode selection
LVL1_OIS, LVL2_OIS
DEN mode
10
Level-sensitive trigger mode is selected
11
Level-sensitive latched mode is selected
LSM6DSR
CTRL1_OIS (70h)
DS11976 - Rev 2
page 84/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com